Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPJ2502 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # GPJ2502
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GPJ2502 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  GPJ2502 Datasheet HTML 1Page - Pan Jit International Inc. GPJ2502 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
REV.0-APR.18.2005
FEATURES
• Plastic material has Underwriters Laboratory
Flammability Classification 94V-O
• Ideal for printed circuit board
• Surge overload rating: 350 Amperes peak
• High temperature soldering guaranteed:
260°C/10 seconds/.375"(9.5mm) lead length at 5 lbs. (2.3kg) tension
• Pb free product are available : 99% Sn can meet Rohs environment
substance directive request
MECHANICALDATA
Case: Reliable low cost construction utilizing molded plastic technique
Terminals: Leads solderable per MIL-STD-750, Method 2026
Mounting position: Any
Mounting torque: 5 in. lb. Max.
Weight: 0.15 ounce, 4.0 grams
GPJ2500~GPJ2510
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
DATA SHEET
NOTES:
1. Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw.
2. Units Mounted in free air, no heatsink, P.C.B at 0.375"(9.5mm) lead length with 0.5 x 0.5"(12 x 12mm)copper pads.
3. Units Mounted on a 2.6 x 1.4" x 0.06" thick ( 6.5 x 3.5 x 0.15cm) AL plate.
VOLTAGE
50 to 1000 Volts
CURRENT
25 Amperes
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S0
0
5
2
J
P
G1
0
5
2
J
P
G2
0
5
2
J
P
G4
0
5
2
J
P
G6
0
5
2
J
P
G8
0
5
2
J
P
G0
1
5
2
J
P
GS
T
I
N
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
V RRM
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
e
g
a
tl
o
V
t
u
p
n
I
e
g
d
i
r
B
S
M
R
m
u
m
i
x
a
M
V RMS
5
30
70
4
10
8
20
2
40
6
50
0
7V
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V DC
0
50
0
10
0
20
0
40
0
60
0
80
0
1V
T
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
C
0
0
1
=
O
3
S
E
T
O
N
C
T
t
a
t
n
e
r
r
u
C
t
u
p
t
u
O
d
e
if
it
c
e
R
A
5
2
=
O
2
S
E
T
O
M
C
IF(AV)
5
2
5
.
3
A
I2
)
s
m
3
.
8
<
t
(
g
n
i
s
u
f
r
o
f
g
n
it
a
R
t
I2 t
0
0
5A 2
c
e
S
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
-
e
n
i
s
e
l
g
n
i
s
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
IFSM
0
5
3A
A
5
.
2
1
t
a
t
n
e
m
e
l
e
r
e
p
p
o
r
D
e
g
a
tl
o
V
d
r
a
w
r
o
F
s
u
o
e
n
a
t
n
a
t
s
n
I
m
u
m
i
x
a
M
V F
1
.
1V
T
@
d
e
t
a
R
t
a
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
m
u
m
i
x
a
M
A
5
2
=
O C
T
@
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
c
D
C
5
2
1
=
O C
IR
0
1
0
5
3
µA
)
2
e
t
o
N
(
g
e
l
r
e
p
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
)
3
e
t
o
N
(
R
θ A
J
R
θ C
J
2
2
1
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
TJ,TSTG
0
5
1
+
o
t
0
5
-
O C


Similar Part No. - GPJ2502

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GPJ25A PANJIT-GPJ25A Datasheet
110Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
GPJ25B PANJIT-GPJ25B Datasheet
110Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
GPJ25D PANJIT-GPJ25D Datasheet
110Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
GPJ25J PANJIT-GPJ25J Datasheet
110Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
GPJ25M PANJIT-GPJ25M Datasheet
110Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - GPJ2502

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com