Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP156 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # KBP156
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

KBP156 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  KBP156 Datasheet HTML 1Page - Pan Jit International Inc. KBP156 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-DEC.08.2005
KBP150~KBP1510
0
50
100
150
2
1.5
1
0.5
0
AMBIENT TEMPERATURE C
O
AMBIENT TEMPERATURE C
O
0
0.2
0.4
0.6
0.8
1.2 1.4
1.6
15
10
5
3
1
0.8
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.01
INSTANTANEOUS FORWARD
VOLTAGE DROP, VOLTS
INSTANTANEOUS FORWARD
VOLTAGE DROP, VOLTS
0
2
4
6 8 10
20
40
60 100
70
60
50
40
30
20
10
0
SURGE DURATION CYCLES AT 60Hz
SURGE DURATION CYCLES AT 60Hz
0
20
40
60
80
100
120
140
100
50
30
15
10
PERCENT OF RATED PEAK
REVERSE VOLTAGE
PERCENT OF RATED PEAK
REVERSE VOLTAGE
FIG.1-OUTPUT CURRENT VS AMBIENT TEMPERATURE
FIG.3-TYPICAL REVERSE CHATACTERISTICS (25 C)
O
FIG.3-TYPICAL REVERSE CHATACTERISTICS (25 C)
O
FIG.4-NON-RECURRENT SURGE RATING
FIG.4-NON-RECURRENT SURGE RATING
FIG.2-TYPICAL FORWARD CHATACTERISTICS (25 C)
O
FIG.2-TYPICAL FORWARD CHATACTERISTICS (25 C)
O
TYPICAL DISTRIBUTION
MEDIAN


Similar Part No. - KBP156

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBP156 WTE-KBP156 Datasheet
35Kb / 3P
   1.5A BRIDGE RECTIFIER
KBP156 WTE-KBP156 Datasheet
47Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
KBP156G WTE-KBP156G Datasheet
35Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
KBP156G WTE-KBP156G Datasheet
63Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBP156G TSC-KBP156G Datasheet
54Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
More results

Similar Description - KBP156

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com