Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN240650 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CN240650
Description  Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CN240650 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CN240650 Datasheet HTML 1Page - Powerex Power Semiconductors CN240650 Datasheet HTML 2Page - Powerex Power Semiconductors CN240650 Datasheet HTML 3Page - Powerex Power Semiconductors CN240650 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D-31
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CN24_ _50, CD24_ _50, CC24_ _50
Fast Recovery Dual Diode Modules
50 Amperes/600-1200 Volts
Electrical and Thermal Characteristics, Tj = 25°C unless otherwise specified
CN24_ _50
CD24_ _50
Characteristics
Symbol
Test Conditions
CC24_ _50
Units
Blocking State Maximums
Reverse Leakage Current, Peak
IRRM
Tj = 150°C, VRRM = Rated
10
mA
Conducting State Maximums
Peak On-State Voltage
VFM
IFM = 50A
1.5
Volts
Switching Maximums
Reverse Recovery Time
trr
IFM = 50A, Tj = 150°C
0.8
s
di/dt =-100A/ s, VR = 1/2VRM
Reverse Recovery Charge
Qrr
IFM = 50A, Tj = 150°C
30
C
di/dt =-100A/ s, VR = 1/2VRM
Thermal Maximums
Thermal Resistance, Junction-to-Case
R (J-C)
Per Module
0.6
°C/Watt
Thermal Resistance, Case-to-Sink (Lubricated)
R (C-S)
Per Module
0.4
°C/Watt


Similar Part No. - CN240650

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CN240650 POWEREX-CN240650 Datasheet
72Kb / 4P
   Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
logo
American Microsemicondu...
CN240650 AMMSEMI-CN240650 Datasheet
1Mb / 3P
   CN* Fast Recovery Dual Diode Modules
logo
Powerex Power Semicondu...
CN2406500N POWEREX-CN2406500N Datasheet
64Kb / 2P
   Super Fast Recovery Dual Diode Modules 50 Amperes/300-600 Volts
CN2406500N POWEREX-CN2406500N Datasheet
64Kb / 2P
   Super Fast Recovery Dual Diode Modules 50 Amperes/300-600 Volts
More results

Similar Description - CN240650

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CN240650 POWEREX-CN240650 Datasheet
72Kb / 4P
   Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
CS240650 POWEREX-CS240650 Datasheet
74Kb / 4P
   Fast Recovery Single Diode Modules 50 Amperes/600-1200 Volts
CD240602 POWEREX-CD240602 Datasheet
72Kb / 4P
   Fast Recovery Dual Diode Modules 20 Amperes/600-1200 Volts
CN2410 POWEREX-CN2410 Datasheet
72Kb / 4P
   Fast Recovery Dual Diode Modules 100 Amperes/600-1200 Volts
CS240610 POWEREX-CS240610 Datasheet
74Kb / 4P
   Fast Recovery Single Diode Modules 100 Amperes/600-1200 Volts
CS340602 POWEREX-CS340602 Datasheet
73Kb / 4P
   Fast Recovery Single Diode Modules 20 Amperes/600-1200 Volts
CC24500N POWEREX-CC24500N Datasheet
64Kb / 2P
   Super Fast Recovery Dual Diode Modules 50 Amperes/300-600 Volts
CC2403500N POWEREX-CC2403500N Datasheet
64Kb / 2P
   Super Fast Recovery Dual Diode Modules 50 Amperes/300-600 Volts
QRC1230R30 POWEREX-QRC1230R30 Datasheet
526Kb / 3P
   Super Fast Recovery Diode Modules 210 Amperes/1200 Volts
QRD1220R30 POWEREX-QRD1220R30 Datasheet
525Kb / 3P
   Super Fast Recovery Diode Modules 140 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com