Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD717WS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMBD717WS
Description  SURFACE MOUNT SCHOTTKY DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD717WS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMBD717WS Datasheet HTML 1Page - Pan Jit International Inc. MMBD717WS Datasheet HTML 2Page - Pan Jit International Inc. MMBD717WS Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
STAD-OCT.22.2004
DATA SHEET
MMBD717WS
SURFACE MOUNT SCHOTTKY DIODES
VOLTAGE
20 Volts
200mA
FEATURES
• Very Low VF : 0.32V (Typ) at IF = 1mA
Low Capacitance : 2.5pF (Typ) at VR = 1V
• Extremely Fast Switching Speed
MECHANICAL DATA
Case: SOD-323, Plastic
Terminals: Solderable per MIL-STD-202G, Method 208
Approx. Weight: 0.0041 gram
MAXIMUM RATINGS
Ratings at 25OC ambient temperature unless otherwise specified.
CURRENT
.078(1.95)
.038(.95)
.107(2.7)
.068(1.75)
.027(.70)
.090(2.3)
.012(.30)MIN.
SOD-323
Unit: inch (mm)
.
Both normal and Pb free product are available :
Normal : 80~95% Sn, 5~20%% Pb
Pb free: 99% Sn above
Marking : P70
PARAMETER
SYMBOL
VALUE
UNIT
Maximum Reverse Voltage
VR
20
V
Peak Reverse Voltage
VRRM
20
V
Continuous Forward Current
IF
0.2
A
Power Dissipation
(1)
PTOT
200
mW
Thermal Resistance , Junction to Ambient
(1)
RΘJA
625
OC/W
Junction Temperature
TJ
-50 to 125
OC
Storage Temperature
TSTG
-50 to 150
OC
Notes : 1. FR-5 Board = 1.0 × 0.75 × 0.062 in.
ELECTRICAL CHARACTERISTICS (TA=25
OC, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Breakdown Voltage
V(BR)
IR=10uA
20
-
-
V
Reverse Current
IR
VF=10V
-
-
1.0
uA
Forward Voltage
VF
IF =1.0mA
-
-
-
-
0.37
V
Total Capacitance
CT
VR=1V, f =1.0MHz
-
-
2.5
pF


Similar Part No. - MMBD717WS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MMBD717WS ETC1-MMBD717WS Datasheet
450Kb / 3P
   Voltage Range 20 Volts Current 200 mA
logo
Won-Top Electronics
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS-T1 WTE-MMBD717WS-T1 Datasheet
36Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
MMBD717WS PANJIT-MMBD717WS_09 Datasheet
74Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS_16 Datasheet
139Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results

Similar Description - MMBD717WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD770W PANJIT-MMBD770W Datasheet
166Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Weitron Technology
M5817 WEITRON-M5817 Datasheet
78Kb / 3P
   Surface Mount Schottky Diodes
MM18L WEITRON-MM18L Datasheet
210Kb / 3P
   Surface Mount Schottky Diodes
logo
Pan Jit International I...
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com