|
| MMBD4148TS |
|
||
|
PANJIT |
|
3 page
PAGE . 1 STAD-AUG.06.2004 MOUNTING PAD LAYOUT • Packing information T/R - 12K per 13" plastic Reel T/R - 5K per 7" plastic Reel ORDER INFORMATION LEGAL STATEMENT IMPORTANT NOTICE This information is intended to unambiguously characterize the product in order to facilitate the customer's evaluation of the device in the application. The information will help the customer's technical experts determine that the device is compatible and interchangeable with similar devices made by other vendors. The information in this data sheet is believed to be reliable and accurate. The specifications and information herein are subject to change without notice. New products and improvements in products and product characterization are constantly in process. Therefore, the factory should be consulted for the most recent information and for any special characteristics not described or specified. Copyright Pan Jit International Inc. 2003 All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract. The information presented is believed to be accurate and reliable, and may change without notice in advance. No liability will be accepted by the publisher for any consequence of use.Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. MMBD4148TS |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LL4148_07 | Ultrafast Switching Surface Mount Si-Planar Diodes | 1 2 | Diotec Semiconductor |
| BAW56W_04 | SURFACE MOUNT SWITCHING DIODES | 1 2 | Pan Jit International Inc. |
| LL4448 | FAST SWITCHING SURFACE MOUNT DIODES | 1 2 3 | Pan Jit International Inc. |
| 1N4148W_05 | SURFACE MOUNT SWITCHING DIODES | 1 2 3 | Pan Jit International Inc. |
| BAL99 | Fast Switching Surface Mount Si-Planar Diodes | 1 2 | Diotec Semiconductor |
| 1N4148WS_05 | SURFACE MOUNT SWITCHING DIODES | 1 2 3 | Pan Jit International Inc. |
| BAS116 | SURFACE MOUNT LOW LEAKAGE SWITCHING DIODES | 1 2 3 | Pan Jit International Inc. |
| 1N4151W_03 | SURFACE MOUNT SWITCHING DIODES | 1 2 | Pan Jit International Inc. |
| BAS116W | SURFACE MOUNT LOW LEAKAGE SWITCHING DIODES | 1 2 3 | Pan Jit International Inc. |
| DLM4148 | TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SWITCHING DIODES VOLTAGE RANGE - 100 Volts | 1 2 | Dc Components |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |