Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4448 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMBD4448
Description  SURFACE MOUNT SWITCHING DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD4448 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMBD4448 Datasheet HTML 1Page - Pan Jit International Inc. MMBD4448 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-JUL.07.2004
DATA SHEET
MMBD4148/MMBD4448/BAS16
.083(2.10)
.020(.50)
.006(.15)
.119(3.00)
.066(1.70)
.006(.15)MAX
.013(.35)
.002(.05)
.110(2.80)
SOT- 23
Unit: inch (mm)
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
8
4
1
4
D
B
M
M
8
4
4
4
D
B
M
M
6
1
S
A
B
S
T
I
N
U
e
d
o
C
g
n
i
k
r
a
M
2
A
3
A
6
A
e
g
a
t
l
o
V
e
s
r
e
v
e
R
V R
5
7
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
V RM
0
0
1
V
e
g
a
t
l
o
V
S
M
R
V RM S
0
5
V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V DC
5
7
V
5
2
=
a
T
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
O C
IAV
0
5
1
A
m
s
u
0
.
1
,
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
IFS M
2
4
2
A
5
2
e
v
o
b
A
e
t
a
r
e
D
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
O C
P TO T
0
5
2
W
m
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V F
A
1
0
0
.
0
@
5
1
7
.
0
A
1
0
.
0
@
5
5
8
.
0
A
5
0
.
0
@
0
.
1
A
5
1
.
0
@
5
2
.
1
A
5
0
0
.
0
/
2
7
.
0
A
1
.
0
/
0
.
1
A
1
0
.
0
/
5
5
8
.
0
V
C
D
d
e
t
a
R
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
J
5
2
=
O C
IR
V
0
2
@
5
2
0
.
0
V
5
7
@
5
.
2
V
5
7
@
5
.
2
V
5
7
@
0
.
1
A
u
)
1
s
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
J
C
5
.
1
0
.
40
.
2
F
p
)
2
s
e
t
o
N
(
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
M
T RR
0
.
4
0
.
4
0
.
6
s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
m
u
m
i
x
a
M
R
θ A
J
7
5
3
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T J
0
5
1
+
o
t
5
5
-
O C
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
100 Volts
250mWatts
FEATURES
• Fast switching Speed.
• Electrically ldentical to Standerd JEDEC
• High Conductance
• Surface Mount Package ldeally Suited for Automatic lnsertion.
• Both normal and Pb free product are available :
Normal : 80~95% Sn, 5~20% Pb
Pb free: 98.5% Sn above
MECHANICALDATA
Case: SOT-23 plastic case.
Terminals : Solderable per MIL-STD-202,Method 208
Standard packaging: 8mm tape
Weight: approximately 0.008g
POWER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise noted)
NOTE:
1. CJ at VR=0, f=1MHZ
2.From IF=10mA to IR=1mA, VR=6Volts, RL=100
SINGLE


Similar Part No. - MMBD4448

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4448 PANJIT-MMBD4448 Datasheet
101Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Shanghai Lunsure Electr...
MMBD4448 CHENYI-MMBD4448 Datasheet
61Kb / 3P
   Surface mount schottky barrier switching diode 350mW
logo
Won-Top Electronics
MMBD4448 WTE-MMBD4448 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
MMBD4448 DIODES-MMBD4448 Datasheet
81Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
DS12011 Rev. 16 - 2
logo
Jinan Gude Electronic D...
MMBD4448 JGD-MMBD4448 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - MMBD4448

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com