Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG1114C-0005 Datasheet(PDF) 11 Page - STANLEY ELECTRIC CO.,LTD.

Part # UG1114C-0005
Description  Single Color 1608 (h=0.4 mm) Type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UG1114C-0005 Datasheet(HTML) 11 Page - STANLEY ELECTRIC CO.,LTD.

Back Button UG1114C-0005 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UG1114C-0005 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UG1114C-0005 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. UG1114C-0005 Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. UG1114C-0005 Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. UG1114C-0005 Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. UG1114C-0005 Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. UG1114C-0005 Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. UG1114C-0005 Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Page 11
2006.11.29
Ambient Temperature vs. Relative Intensity
Ambient Temperature : Ta(℃)
Derating
Ambient Temperature vs. Maximum Forward Current
Repetition Frequency : f ≧ 50Hz
Ambient Temperature : Ta(℃)
Power Dissipation vs. Ambient Temperature
Ambient Temperature : Ta(℃)
Pulse Width vs. Maximum Tolerable Peak Current
Condition : Ta = 25℃
Pulse Width : tw (μs)
Single Color 1608 (h=0.4 mm) Type
U□1114C-0005 Series
Technical Data(UG)


Similar Part No. - UG1114C-0005

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
UG1111C STANLEY-UG1111C Datasheet
392Kb / 27P
   Single Color Ultra High Brightness Type
UG1112H STANLEY-UG1112H Datasheet
73Kb / 6P
   ULTRA HIGH BRIGHTNESS TYPE SURFACE MOUNT LED
UG1113F STANLEY-UG1113F Datasheet
317Kb / 20P
   Right Angle Type (2.1 x 1.0 mm) Type, Milky White resin
UG1113F STANLEY-UG1113F Datasheet
317Kb / 20P
   Single Color Ultra High Brightness Type
UG1113F STANLEY-UG1113F Datasheet
1Mb / 18P
   Single Color Ultra High Brightness Type
More results

Similar Description - UG1114C-0005

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
YPY1114C-0005 STANLEY-YPY1114C-0005 Datasheet
264Kb / 14P
   Single Color 1608 (h=0.4 mm) Type
SB1118C-0002 STANLEY-SB1118C-0002 Datasheet
250Kb / 14P
   Single Color 1608 (h=0.35 mm) Type
1141C STANLEY-1141C Datasheet
288Kb / 15P
   1608 (h=0.7 mm) Type White LED
KW1148C STANLEY-KW1148C Datasheet
293Kb / 13P
   1608 (h=0.35 mm) Type White LED
SW1148C STANLEY-SW1148C Datasheet
280Kb / 14P
   1608 (h=0.35 mm) Type White LED
YPY1105C-0005 STANLEY-YPY1105C-0005 Datasheet
255Kb / 14P
   Single Color Super Wide Angle Type (h=0.5 mm)
UB1105C-0005 STANLEY-UB1105C-0005 Datasheet
316Kb / 17P
   Single Color Super Wide Angle Type (h=0.5 mm)
FR1106W STANLEY-FR1106W Datasheet
216Kb / 13P
   Single Color Super Wide Angle Type (h=1.3 mm)
UB1106W STANLEY-UB1106W Datasheet
312Kb / 16P
   Single Color Super Wide Angle Type (h=1.3 mm)
SW1142P STANLEY-SW1142P Datasheet
163Kb / 12P
   1608 (h=0.20mm) Type White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com