|
| MMSZ4687-V |
|
||
|
PANJIT |
|
4 page
PAGE . 4 STAD-FEB.14.2007 MMSZ4687-V SERIES Figure 7. Z-Current vs. Z-Voltage Figure 8. Z-Current vs. Z-Voltage 8 20 0 20 40 60 80 100 P tot = 500 mW T amb = 25 °C 04 6 12 V Z - Z-Voltage (V) 15 20 25 30 0 10 20 30 40 50 V Z - Z-Voltage (V) 35 P tot = 500 mW T amb = 25 °C Figure 9. Differential Z-Resistance vs. Z-Voltage 0 5 10 15 20 1 10 100 1000 25 Tj = 25 °C I Z = 1 mA 5 mA 10 mA V Z - Z-Voltage (V) Figure 10. Thermal Response 1 10 100 1000 t P - Pulse Length (ms) 10-1 100 101 102 t P/T = 0.5 t P/T = 0.2 t P/T = 0.1 t P/T = 0.05 t P/T = 0.02 t P/T = 0.01 Single Pulse R thJA = 300 K/W T = T jmax - Tamb i ZM = (- VZ + (VZ 2 + 4r zj x T/Zthp) 1/2)/(2r zj) |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZMD1 | Surface mount diode Zener silicon diodes | 1 | Semikron International |
| BZX84C | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 4 5 | Pan Jit International Inc. |
| BZX584C2V4 | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 4 | Pan Jit International Inc. |
| BZX784C2V4 | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 4 | Pan Jit International Inc. |
| 2BZX84C3V0_07 | Surface mount Silicon Planar Dual Zener Diodes | 1 2 | Diotec Semiconductor |
| MM3Z2V4_07 | Surface mount Silicon Planar Zener Diodes | 1 2 | Diotec Semiconductor |
| ZMM3B9 | Surface mount Silicon Planar Zener Diodes | 1 2 | Diotec Semiconductor |
| MMSZ5225B_07 | Surface mount Silicon Planar Zener Diodes | 1 2 | Diotec Semiconductor |
| ZMM1_07 | Surface mount Silicon Planar Zener Diodes | 1 2 | Diotec Semiconductor |
| MMBZ5221B_07 | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 4 | Pan Jit International Inc. |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |