Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG5305S Datasheet(PDF) 9 Page - STANLEY ELECTRIC CO.,LTD.

Part # UG5305S
Description  Single Color Ultra High Brightness ?5 Type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UG5305S Datasheet(HTML) 9 Page - STANLEY ELECTRIC CO.,LTD.

Back Button UG5305S Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. UG5305S Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. UG5305S Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UG5305S Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UG5305S Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. UG5305S Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. UG5305S Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. UG5305S Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. UG5305S Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Page 9
2004.10.29
Single Color Ultra High Brightness φ5 Type
Spatial Distribution Example
Condition : Ta = 25℃
Spectral Distribution
Relative Intensity vs. Wavelength
Condition : Ta = 25℃, I
F = 20mA
Wavelength [nm]
Forward Voltage vs. Forward Current
Condition : Ta = 25℃
Forward Voltage V
F(V)
Forward Current vs. Relative Intensity
Condition : Ta = 25℃
Forward Current I
F(mA)
Technical Data(UC)
U□53□5S Series


Similar Part No. - UG5305S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
UG5304X STANLEY-UG5304X Datasheet
332Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UG5306X STANLEY-UG5306X Datasheet
319Kb / 24P
   Single Color Ultra High Brightness ?5 Type
More results

Similar Description - UG5305S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
H-3000L STANLEY-H-3000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
UB5304X STANLEY-UB5304X Datasheet
332Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5306X STANLEY-UB5306X Datasheet
319Kb / 24P
   Single Color Ultra High Brightness ?5 Type
1111C STANLEY-1111C Datasheet
392Kb / 27P
   Single Color Ultra High Brightness Type
UB1104B STANLEY-UB1104B Datasheet
269Kb / 18P
   Single Color Ultra High Brightness Type
UB1113F STANLEY-UB1113F_12 Datasheet
1Mb / 18P
   Single Color Ultra High Brightness Type
HUB1105W-TR STANLEY-HUB1105W-TR Datasheet
337Kb / 20P
   Single Color Ultra High Brightness Type
1105W STANLEY-1105W Datasheet
606Kb / 16P
   Single Color Ultra High Brightness Type
UR1113F-TR STANLEY-UR1113F-TR Datasheet
317Kb / 20P
   Single Color Ultra High Brightness Type
HUB1105W STANLEY-HUB1105W Datasheet
330Kb / 20P
   Single Color Ultra High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com