Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR3864X Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # UR3864X
Description  Single Color ?3 Flush Mount Round Shape Type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UR3864X Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  UR3864X Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. UR3864X Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. UR3864X Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. UR3864X Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. UR3864X Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. UR3864X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. UR3864X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UR3864X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UR3864X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Color and Luminous Intensity
Page 2
TYP.
I
F
MIN.
T YP.
I
F
UB3804X
InGa N
Blue
470
20
240
672
20
UC3804X
InGa N
Blue Green
505
20
672
2,688
20
UG3804X
InGa N
Green
525
20
960
2,688
20
UY3864X
AlGa InP
Yellow
Pale
Yellow
590
20
250
500
20
UR3864X
AlGa InP
Red
Pale
Red
630
20
220
440
20
Water
Clear
Part No.
Material
Emitted
Color
Lens
Color
Clear
Iv (mc d)
Luminous Intens ity
Dominant
Wavelength
λd (nm)
2004.10.29
Single Color φ3 Flush Mount Round Shape Type
U□38□4X Series
(Ta=25℃)


Similar Part No. - UR3864X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UR3864X ETC1-UR3864X Datasheet
304Kb / 24P
   Single Color PI 3 Flush Mount Round Shape Type
More results

Similar Description - UR3864X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
UB3803X STANLEY-UB3803X Datasheet
316Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
KR3803X STANLEY-KR3803X Datasheet
181Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
MBG3874K STANLEY-MBG3874K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
MBG3864K STANLEY-MBG3864K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
logo
List of Unclassifed Man...
UC3804X ETC1-UC3804X Datasheet
304Kb / 24P
   Single Color PI 3 Flush Mount Round Shape Type
5307S ETC2-5307S Datasheet
426Kb / 33P
   Single Color ?5 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
KR5805S STANLEY-KR5805S Datasheet
188Kb / 12P
   Single Color ?5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S Datasheet
131Kb / 10P
   Single Color 5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S_10 Datasheet
131Kb / 10P
   Single Color ?5 Flush Mount Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com