|
| MMSZ5229A |
|
||
|
PANJIT |
|
4 page
PAGE . 4 STAD-JAN.13.2006 MOUNTING PAD LAYOUT • Packing information T/R - 10K per 13" plastic Reel T/R - 3K per 7" plastic Reel ORDER INFORMATION LEGAL STATEMENT Copyright PanJit International, Inc 200 6 The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others. MMSZ5229A SERIES |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZMD1 | Surface mount diode Zener silicon diodes | 1 | Semikron International |
| BZX84C | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 4 5 | Pan Jit International Inc. |
| BZX584C2V4 | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 4 | Pan Jit International Inc. |
| BZX784C2V4 | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 4 | Pan Jit International Inc. |
| 2BZX84C3V0_07 | Surface mount Silicon Planar Dual Zener Diodes | 1 2 | Diotec Semiconductor |
| MM3Z2V4_07 | Surface mount Silicon Planar Zener Diodes | 1 2 | Diotec Semiconductor |
| ZMM3B9 | Surface mount Silicon Planar Zener Diodes | 1 2 | Diotec Semiconductor |
| MMSZ5225B_07 | Surface mount Silicon Planar Zener Diodes | 1 2 | Diotec Semiconductor |
| ZMM1_07 | Surface mount Silicon Planar Zener Diodes | 1 2 | Diotec Semiconductor |
| MMBZ5221B_07 | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 4 | Pan Jit International Inc. |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |