Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR5366X Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # UR5366X
Description  Single Color Ultra High Brightness ?5 Type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UR5366X Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  UR5366X Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. UR5366X Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. UR5366X Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. UR5366X Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. UR5366X Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. UR5366X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. UR5366X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UR5366X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UR5366X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Color and Luminous Intensity
Page 2
TYP.
I
F
MIN.
T YP.
I
F
UB 5306X
InGa N
Blue
470
20
1,000
2,800
20
UC5306X
InGa N
B lue Green
505
20
2,400
6,720
20
UG5306X
InGa N
Green
525
20
3,360
6,720
20
UY5366X
AlGa InP
Y ellow
Pale
Yellow
590
20
2,000
4,000
20
UR5366X
AlGa InP
Red
Pale
Red
630
20
1,800
3,600
20
Water
Clear
Part No.
Material
Emitted
Color
Lens
Color
Clear
Iv (mc d)
Luminous Intens ity
Dominant
Wavelength
λd (nm)
2004.10.29
Single Color Ultra High Brightness φ5 Type
U□53□6X Series
(Ta=25℃)


Similar Part No. - UR5366X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
UR5364X STANLEY-UR5364X Datasheet
332Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UR5365S STANLEY-UR5365S Datasheet
341Kb / 24P
   Single Color Ultra High Brightness ?5 Type
More results

Similar Description - UR5366X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
H-3000L STANLEY-H-3000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
UB5304X STANLEY-UB5304X Datasheet
332Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5305S STANLEY-UB5305S Datasheet
341Kb / 24P
   Single Color Ultra High Brightness ?5 Type
1111C STANLEY-1111C Datasheet
392Kb / 27P
   Single Color Ultra High Brightness Type
UB1104B STANLEY-UB1104B Datasheet
269Kb / 18P
   Single Color Ultra High Brightness Type
UB1113F STANLEY-UB1113F_12 Datasheet
1Mb / 18P
   Single Color Ultra High Brightness Type
HUB1105W-TR STANLEY-HUB1105W-TR Datasheet
337Kb / 20P
   Single Color Ultra High Brightness Type
1105W STANLEY-1105W Datasheet
606Kb / 16P
   Single Color Ultra High Brightness Type
UR1113F-TR STANLEY-UR1113F-TR Datasheet
317Kb / 20P
   Single Color Ultra High Brightness Type
HUB1105W STANLEY-HUB1105W Datasheet
330Kb / 20P
   Single Color Ultra High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com