Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB1004 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PB1004
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PB1004 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PB1004 Datasheet HTML 1Page - Pan Jit International Inc. PB1004 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
REV.0-FEB.13.2006
PB1000~PB1010
1
2
4 6 8 10
20
40 60 80100
250
200
150
100
50
0
SURGE DURATION CYCLES AT 60Hz
SURGE DURATION CYCLES AT 60Hz
0
50
100
150
10
8
6
4
2
0
TEMPERATURE C
O
TEMPERATURE C
O
0
0.2 0.4 0.6
0.8 1.0 1.2 1.4
10
3
2
1
0.9
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.01
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0
20
40
60
80
100
120
140
20
15
10
1
PERCENT OF RATED PEAK REVERSE VOLTAGE
PERCENT OF RATED PEAK REVERSE VOLTAGE
(TC)
(TA)
MET
AL HEA
TSINK
TYPICAL
DISTRIBUTION
MEDIAN
FIG.1-NON-RECURRENT SURGE RATING
FIG.1-NON-RECURRENT SURGE RATING
FIG.3-TYPICAL FORWARD CHARACTERISTICS(25 C)
O
FIG.3-TYPICAL FORWARD CHARACTERISTICS(25 C)
O
FIG.4-TYPICAL REVERSE CHARACTERISTIC (25 C)
O
FIG.4-TYPICAL REVERSE CHARACTERISTIC (25 C)
O
FIG.2-DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
FIG.2-DERATING CURVE FOR OUTPUT RECTIFIED CURRENT


Similar Part No. - PB1004

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PB1004 WTE-PB1004 Datasheet
32Kb / 3P
   10A BRIDGE RECTIFIER
logo
Diotec Semiconductor
PB1004 DIOTEC-PB1004 Datasheet
309Kb / 2P
   Silicon-Bridge Rectifiers
PB1004 DIOTEC-PB1004 Datasheet
289Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Won-Top Electronics
PB1004 WTE-PB1004 Datasheet
60Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
logo
Diotec Semiconductor
PB1004 DIOTEC-PB1004 Datasheet
125Kb / 2P
   Silicon-Bridge-Rectifiers Silizium-Br-kengleichrichter
More results

Similar Description - PB1004

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com