Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5432 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 2N5432
Description  N-Channel JFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N5432 Datasheet(HTML) 4 Page - Vishay Siliconix

  2N5432 Datasheet HTML 1Page - Vishay Siliconix 2N5432 Datasheet HTML 2Page - Vishay Siliconix 2N5432 Datasheet HTML 3Page - Vishay Siliconix 2N5432 Datasheet HTML 4Page - Vishay Siliconix 2N5432 Datasheet HTML 5Page - Vishay Siliconix 2N5432 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N5432/5433/5434
Vishay Siliconix
www.vishay.com
7-4
Document Number: 70245
S-04028—Rev. F, 04-Jun-01
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
50
20
10
0
1
10
100
40
30
On-Resistance vs. Drain Current
ID – Drain Current (mA)
TA = 25_C
VGS(off) = –2 V
–4 V
–8 V
40
–55
25
125
32
24
16
8
0
–15
85
–35
5
45
65
105
On-Resistance vs. Temperature
TA – Temperature (_C)
VGS(off) = –2 V
–4 V
–8 V
ID = 10 mA
rDS changes X 0.7%/
_C
100
0
–12
–16
–8
–4
–20
40
20
0
80
60
Capacitance vs. Gate-Source Voltage
VGS – Gate-Source Voltage (V)
VDS = 0 V
f = 1 MHz
Ciss
Crss
Gate Leakage Current
048
12
1 pA
10 pA
100 pA
1 nA
10 nA
16
20
100 nA
VDG – Drain-Gate Voltage (V)
IGSS @ 125
_C
TA = 125_C
TA = 25_C
5 mA
IGSS @ 25
_C
10 mA
1 mA
100
10
1
10
100
1 k
100 k
10 k
Noise Voltage vs. Frequency
f – Frequency (Hz)
VDS = 5 V
ID = 10 mA
ID = 40 mA
100
10
1
1
10
100
Transconductance vs. Drain Current
ID – Drain Current (mA)
VDS = 5 V
f = 1 kHz
TA = –55_C
125
_C
VGS(off) = –4 V
ID = 10 mA
5 mA
1 mA
25
_C


Similar Part No. - 2N5432

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
logo
List of Unclassifed Man...
2N5432 ETC-2N5432 Datasheet
226Kb / 2P
   N CHANNEL JUNCTION FET
2N5432 ETC1-2N5432 Datasheet
43Kb / 1P
   N-Channel JFETs
logo
Intersil Corporation
2N5432 INTERSIL-2N5432 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N5432 NJSEMI-2N5432 Datasheet
139Kb / 1P
   N-CHANNEL JFETS
More results

Similar Description - 2N5432

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
logo
New Jersey Semi-Conduct...
2N3819 NJSEMI-2N3819 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
2N4338 NJSEMI-2N4338 Datasheet
366Kb / 3P
   N-CHANNEL JFETS
logo
Vishay Siliconix
SST310-T1-E3 VISHAY-SST310-T1-E3 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
SST201-T1-E3 VISHAY-SST201-T1-E3 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com