Part Name
         Description
TLC5942

 16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction ( 33 Page)


TI
100% 
Zoom Out Zoom In
 
 3 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
DISSIPATION RATINGS
SBVS096B – OCTOBER 2007 – REVISED OCTOBER 2007
At TA= –40°C to +85°C, unless otherwise noted.
TLC5942
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
DC Characteristics: VCC = 3 V to 5.5 V
VCC
Supply voltage
3.0
5.5
V
VO
Voltage applied to output
OUT0 to OUT15
17
V
VIH
High-level input voltage
0.7
× VCC
VCC
V
VIL
Low-level input voltage
GND
0.3
× VCC
V
IOH
High-level output current
GSSOUT, DCSOUT
–1
mA
IOL
Low-level output current
GSSOUT, DCSOUT
1
mA
IOLC
Constant output sink current
OUT0 to OUT15
50
mA
TA
Operating free-air temperature
–40
+85
°C
Operating junction
TJ
–40
+125
°C
temperature
AC Characteristics: VCC = 3 V to 5.5 V
fCLK (dcsclk)
Data shift clock frequency
DCSCLK
30
MHz
Data shift/grayscale control
fCLK (gssclk)
GSSCLK
30
MHz
clock frequency
GSSCLK (see Figure 9),
TWH0 / TWL0
10
ns
DCSCLK (see Figure 10)
Pulse duration
XGSLAT, BLANK (see Figure 9),
TWH1
30
ns
XDCLAT (see Figure 10)
GSSIN–GSSCLK
↑ (see Figure 9),
TSU0
3
ns
DCSIN–DCSCLK
↑ (see Figure 10)
BLANK
↓– GSSCLK ↑
TSU1
10
ns
(see Figure 9)
XGSLAT
↑ – GSSCLK↑
Setup time
TSU2
100
ns
XDCLAT
↑ – DCSCLK↑
XGSLAT
↓ – GSSCLK↑
TSU3
15
ns
GSSIN–GSSCLK
↑ (see Figure 9),
TH0
3
ns
DCSIN–DCSCLK
↑ (see Figure 10)
XGSLAT
↑ – GSSCLK↑
Hold time
TH1
30
ns
XDCLAT
↑ – DCSCLK↑
DERATING FACTOR
TA < +25°C
TA = +70°C
TA = +85°C
PACKAGE
ABOVE TA = +25°C
POWER RATING
POWER RATING
POWER RATING
HTSSOP-28 with
31.67 mW/
°C
3958 mW
2533 mW
2058 mW
PowerPAD soldered(1)
HTSSOP-28 with
16.21 mW/
°C
2026 mW
1296 mW
1053 mW
PowerPAD not soldered(2)
QFN-32(3)
27.86 mW/
°C
3482 mW
2228 mW
1811 mW
(1)
With PowerPAD soldered onto copper area on printed circuit board (PCB); 2 oz. copper. For more information, see SLMA002 (available
for download at www.ti.com).
(2)
With PowerPAD not soldered onto copper area on PCB.
(3)
The package thermal impedance is calculated in accordance with JESD51-5.
Copyright © 2007, Texas Instruments Incorporated
3
Product Folder Link(s): TLC5942
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLC594516-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL 1 2 3 4 5 MoreTexas Instruments
WT50608-bit μC with UART 12-bit A/D Converter PWM and 16 x4 LCD Driver 1 2 3 4 5 List of Unclassifed Manufacturers
MIC32891.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control 1 2 3 4 5 MoreMicrel Semiconductor
MAX16831High-Voltage High-Power LED Driver with Analog and PWM Dimming Control 1 2 3 4 5 MoreMaxim Integrated Products
TPS7510XLow Dropout Two-Bank LED Driver with PWM Brightness Control 1 2 3 4 5 MoreTexas Instruments
MAX16812Integrated High-Voltage LED Driver with Analog and PWM Dimming Control 1 2 3 4 5 MoreMaxim Integrated Products
AS1110Constant-Current 16-Channel LED Driver with Diagnostics 1 2 3 4 5 Moreaustriamicrosystems AG
ISL97634White LED Driver with Wide PWM Dimming Range 1 2 3 4 5 MoreIntersil Corporation
A62803 Bit Constant Current LED Driver with PWM Control 1 2 3 4 5 MoreAllegro MicroSystems
LM3503Dual-Display Constant Current LED Driver with Analog Brightness Control 1 2 3 4 5 MoreNational Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl