Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1864ACS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1864ACS8
Description  關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1864ACS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC1864ACS8 Datasheet HTML 1Page - Linear Technology LTC1864ACS8 Datasheet HTML 2Page - Linear Technology LTC1864ACS8 Datasheet HTML 3Page - Linear Technology LTC1864ACS8 Datasheet HTML 4Page - Linear Technology LTC1864ACS8 Datasheet HTML 5Page - Linear Technology LTC1864ACS8 Datasheet HTML 6Page - Linear Technology LTC1864ACS8 Datasheet HTML 7Page - Linear Technology LTC1864ACS8 Datasheet HTML 8Page - Linear Technology LTC1864ACS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1864/LTC1865
sn18645 18645fs
LTC1864/LTC1865
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
4.75
5.25
V
fSCK
Clock Frequency
DC
20
MHz
tCYC
Total Cycle Time
16 • SCK + tCONV
µs
tSMPL
Analog Input Sampling Time
LTC1864
16
SCK
LTC1865
14
SCK
tsuCONV
Setup Time CONV↓ Before First SCK↑
30
ns
(See Figure 1)
thDI
Hold Time SDI After SCK↑
LTC1865
15
ns
tsuDI
Setup Time SDI Stable Before SCK↑
LTC1865
15
ns
tWHCLK
SCK High Time
fSCK = fSCK(MAX)
40%
1/fSCK
tWLCLK
SCK Low Time
fSCK = fSCK(MAX)
40%
1/fSCK
tWHCONV
CONV High Time Between Data
tCONV
µs
Transfer Cycles
tWLCONV
CONV Low Time During Data Transfer
16
SCK
thCONV
Hold Time CONV Low After Last SCK↑
13
ns
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to GND.
Note 3: Integral nonlinearity is defined as deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 4: Channel leakage current is measured while the part is in sample
mode.
The
denotes specifications which apply over the
full operating temperature range, otherwise specifications are TA = 25°C.
LTC1864/LTC1865
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tCONV
Conversion Time (See Figure 1)
2.75
3.2
µs
fSMPL(MAX) Maximum Sampling Frequency
250
kHz
tdDO
Delay Time, SCK↓ to SDO Data Valid
CLOAD = 20pF
15
20
ns
25
ns
tdis
Delay Time, CONV↑ to SDO Hi-Z
30
60
ns
ten
Delay Time, CONV↓ to SDO Enabled
CLOAD = 20pF
30
60
ns
thDO
Time Output Data Remains
CLOAD = 20pF
510
ns
Valid After SCK↓
tr
SDO Rise Time
CLOAD = 20pF
8
ns
tf
SDO Fall Time
CLOAD = 20pF
4
ns
The
denotes specifications which apply over the full operating temperature
range, otherwise specifications are TA = 25°C. VCC = 5V, VREF = 5V, fSCK = fSCK(MAX) as defined in Recommended Operating
Conditions, unless otherwise noted.
RECO
E DED OPERATI G CO DITIO S
TI I G CHARACTERISTICS


Similar Part No. - LTC1864ACS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1864ACS8 LINER-LTC1864ACS8 Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1864ACS8 LINER-LTC1864ACS8 Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1864ACS8 LINER-LTC1864ACS8 Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1864ACS8-PBF LINER-LTC1864ACS8-PBF Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864ACS8-TRPBF LINER-LTC1864ACS8-TRPBF Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
More results

Similar Description - LTC1864ACS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1864 LINER-LTC1864_07 Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860 Datasheet
170Kb / 12P
   mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L Datasheet
357Kb / 16P
   關Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1865L LINER-LTC1865L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com