Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN279 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # AN279
Description  ESTIMATING PERIOD JITTER FROM PHASE NOISE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN279 Datasheet(HTML) 7 Page - Silicon Laboratories

  AN279 Datasheet HTML 1Page - Silicon Laboratories AN279 Datasheet HTML 2Page - Silicon Laboratories AN279 Datasheet HTML 3Page - Silicon Laboratories AN279 Datasheet HTML 4Page - Silicon Laboratories AN279 Datasheet HTML 5Page - Silicon Laboratories AN279 Datasheet HTML 6Page - Silicon Laboratories AN279 Datasheet HTML 7Page - Silicon Laboratories AN279 Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AN279
Rev. 0.1
7
APPENDIX B—CALCULATING WITH SPURS INCLUDED
Spurs that are small and few in number and do not contribute significantly to phase jitter may typically be omitted
from period jitter calculations. This is especially true for low offset frequency spurs. Each significant spur
contribution should be accounted for separately as for the weighted ith spur below:
Each spur's contributions are then added in sum square fashion as follows:
or:
Δ
ϕ
RMS_i
2
8Lfi
() x
2
sin
πf
iτ
()
=
Δτ
RMS_i
2
T0
2
π
------
⎝⎠
⎛⎞
2
8L fi
()
2
sin
πf
iτ
()
2T0
2
π2
------------L f
i
()
2
sin
πf
iτ
()
==
Δt
RMS_TOTAL
2
Δt
RMS_NOISE
2
Δt
RMS_1
2
…Δt
RMS_i
2
…Δt
RMS_N
2
++
+
+
+
=
Δt
RMS_TOTAL
2
Δt
RMS_NOISE
2
Δt
RMS_i
2
i
1
=
N
+
=
JPER_TOTAL(rms)
Δt
RMS_TOTAL
2
=


Similar Part No. - AN279

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN279 STMICROELECTRONICS-AN279 Datasheet
117Kb / 5P
   output to output short-circuit
AN2791 STMICROELECTRONICS-AN2791 Datasheet
659Kb / 18P
   This document describes a detailed analysis on the current regulated channels
AN2792 STMICROELECTRONICS-AN2792 Datasheet
135Kb / 12P
   STM8A easy programmer
AN2794 STMICROELECTRONICS-AN2794 Datasheet
3Mb / 39P
   This application note provides design guidelines
AN2795 STMICROELECTRONICS-AN2795 Datasheet
856Kb / 28P
   VNI4140K load test report
More results

Similar Description - AN279

ManufacturerPart #DatasheetDescription
logo
TXC Corporation.
BF-SERIES TXC-BF-SERIES Datasheet
966Kb / 1P
   Excellent low phase noise and jitter.
logo
Analog Devices
MT-008 AD-MT-008 Datasheet
129Kb / 10P
   Converting Oscillator Phase Noise to Time Jitter
Rev.A, 10/08, WK
logo
QUARTZCOM the communica...
PXO-P9-3PEH-6J QUARTZCOM-PXO-P9-3PEH-6J Datasheet
112Kb / 1P
   Low jitter LVPECL SMD Clock Oscillator Low phase noise
logo
Linear Technology
LTC6950 LINER-LTC6950 Datasheet
1Mb / 12P
   1.4GHz Low Phase Noise, Low Jitter PLL with Clock Distribution
logo
Mercury United Electron...
HPQF5361 MERCURY-HPQF5361 Datasheet
140Kb / 1P
   1.0 pS phase jitter
logo
Micrel Semiconductor
SY89610L MICREL-SY89610L Datasheet
391Kb / 17P
   77.75MHz to 694MHz Jitter Attenuator and Low Phase Noise Frequency Synthesizer
logo
Analog Devices
AN-756 AD-AN-756 Datasheet
298Kb / 12P
   Sampled Systems and the Effects of Clock Phase Noise and Jitter
REV. 0
logo
Texas Instruments
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner
logo
Mercury United Electron...
HTQF5361 MERCURY-HTQF5361 Datasheet
140Kb / 1P
   1.0 pS phase jitter ( typical )
logo
Integrated Device Techn...
524S IDT-524S Datasheet
180Kb / 12P
   Low additive phase jitter RMS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com