Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4903EBL-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4903EBL-T
Description  Low-RON, Dual-SPST/Single-SPDT Clickless Switches with Negative Rail Capability
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4903EBL-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4903EBL-T Datasheet HTML 3Page - Maxim Integrated Products MAX4903EBL-T Datasheet HTML 4Page - Maxim Integrated Products MAX4903EBL-T Datasheet HTML 5Page - Maxim Integrated Products MAX4903EBL-T Datasheet HTML 6Page - Maxim Integrated Products MAX4903EBL-T Datasheet HTML 7Page - Maxim Integrated Products MAX4903EBL-T Datasheet HTML 8Page - Maxim Integrated Products MAX4903EBL-T Datasheet HTML 9Page - Maxim Integrated Products MAX4903EBL-T Datasheet HTML 10Page - Maxim Integrated Products MAX4903EBL-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Low-RON, Dual-SPST/Single-SPDT Clickless
Switches with Negative Rail Capability
_______________________________________________________________________________________
7
Pin Description (MAX4901/MAX4902 Dual-SPST Switches)
PIN
TDFN
UCSP
NAME
FUNCTION
1B1
VCC
Positive Supply-Voltage Input. Bypass VCC to GND with a 0.1µF capacitor as close
to VCC as possible.
2A1
COM1
Analog Switch 1, Common Terminal
—B2N.C.
No Connection. Leave N.C. unconnected.
3A2
NO1
Analog Switch 1, Normally Open Terminal. NO1 (MAX4902) has a shunt resistor to
GND when the switch is in open position.
4A3
IN1
Digital Control Input for Analog Switch 1. A logic high on IN1 connects COM1 to
NO1 and a logic low opens the switch.
5B3
GND
Ground
6C3
IN2
Digital Control Input for Analog Switch 2. A logic high on IN2 connects COM2 to
NO2 and a logic low opens the switch.
7C2
NO2
Analog Switch 2, Normally Open Terminal. NO2 has a shunt resistor to GND when
the switch is in open position (MAX4902).
8C1
COM2
Analog Switch 2, Common Terminal
EP
EP
Exposed Pad. Connect exposed pad to GND.
Pin Description (MAX4903/MAX4904/MAX4905 SPDT Switches)
PIN
TDFN
UCSP
NAME
FUNCTION
1A1
VCC
Positive Supply-Voltage Input. Bypass VCC to GND with a 0.1µF capacitor as close
to VCC as possible.
2A2
NO
Analog Switch, Normally Open Terminal. NO has a shunt resistor to GND when the
switch is in open position (MAX4904/MAX4905).
3A3
IN
Digital Control Input. Logic low on IN connects COM to NC and logic high connects
COM to NO.
N.C.
No Connection. Leave N.C. unconnected (MAX4903/MAX4904).
4B2
CMPO
Comparator Output (MAX4905)
5B3
GND
Ground
N.C.
No Connection. Leave N.C. unconnected (MAX4903/MAX4904).
6C3
CMP-
Comparator Input (MAX4905)
7C2
NC
Analog Switch, Normally Closed Terminal. NC has a shunt resistor to GND when the
switch is in open position (MAX4904/MAX4905).
8B1
COM
Analog Switch, Common Terminal
—C1N.C.
No Connection. Leave N.C. unconnected (MAX4903/MAX4904/MAX4905)
EP
EP
Exposed Pad. Connect exposed pad to GND.


Similar Part No. - MAX4903EBL-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX490 MAXIM-MAX490 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX490 MAXIM-MAX490 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX490 MAXIM-MAX490 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
ARTSCHIP ELECTRONICS CO...
MAX490 ARTSCHIP-MAX490 Datasheet
6Mb / 16P
   Low-Power, Slew-Rate-Limited Transceivers
logo
Maxim Integrated Produc...
MAX490 MAXIM-MAX490 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-0122; Rev 10; 9/14
More results

Similar Description - MAX4903EBL-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
AS1747 AMSCO-AS1747 Datasheet
415Kb / 13P
   Low-Voltage, Dual SPDT, Audio Clickless Switch with Negative Rail Capability
logo
STMicroelectronics
STG5678 STMICROELECTRONICS-STG5678 Datasheet
588Kb / 23P
   Low voltage dual SPDT switch with negative rail capability
June 2010 Rev 3
logo
Maxim Integrated Produc...
MAX4910 MAXIM-MAX4910 Datasheet
676Kb / 13P
   Quad-SPDT, Clickless Audio Switches with Negative Signal Handling
Rev 0; 2/06
logo
Vishay Siliconix
DG2612 VISHAY-DG2612_V01 Datasheet
203Kb / 8P
   Low-Voltage, Low RON, SPDT Audio Switch with Negative Swing Capability
02-Oct-12
DG2612 VISHAY-DG2612_08 Datasheet
155Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. C, 29-Dec-08
DG2612 VISHAY-DG2612 Datasheet
162Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. A, 28-Aug-06
logo
Intersil Corporation
ISL54400 INTERSIL-ISL54400 Datasheet
466Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com