Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMAJ8.5CA Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # P4SMAJ8.5CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P4SMAJ8.5CA Datasheet(HTML) 2 Page - Pan Jit International Inc.

  P4SMAJ8.5CA Datasheet HTML 1Page - Pan Jit International Inc. P4SMAJ8.5CA Datasheet HTML 2Page - Pan Jit International Inc. P4SMAJ8.5CA Datasheet HTML 3Page - Pan Jit International Inc. P4SMAJ8.5CA Datasheet HTML 4Page - Pan Jit International Inc. P4SMAJ8.5CA Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
STAD-MAY.25.2007
P4SMAJ SERIES
r
e
b
m
u
N
t
r
a
P
e
s
r
e
v
e
R
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
g
a
t
l
o
V
t
s
e
T
-
e
r
r
u
C
t
n
e
s
r
e
v
e
R
e
g
a
k
a
e
L
.
x
a
M
p
m
a
l
C
e
g
a
t
l
o
V
k
a
e
P
e
s
l
u
P
t
n
e
r
r
u
C
e
d
o
C
g
n
i
k
r
a
M
VRWM
VBR
I
@
T
IT
I R @VRWM
VC @I PP
I PP
.
n
i
M
.
x
a
M
I
N
U
I
B
I
N
U
I
B
V
V
V
A
m
µ
µ
µ
µ
µ A
µ
µ
µ
µ
µ A
V
A
I
N
U
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
4
0
.
5
J
A
M
S
4
P
C
0
.
5
J
A
M
S
4
P
5
4
.
6
5
5
.
7
0
1
0
0
8
0
0
6
1
6
.
9
6
.
1
4
D
H
D
T
A
0
.
5
J
A
M
S
4
P
A
C
0
.
5
J
A
M
S
4
P
5
4
.
6
5
2
.
7
0
1
0
0
8
0
0
6
1
2
.
9
5
.
3
4
E
H
E
T
0
.
6
J
A
M
S
4
P
C
0
.
6
J
A
M
S
4
P
6
7
6
.
6
5
4
.
8
0
1
0
0
8
0
0
6
1
4
.
1
1
1
.
5
3
F
H
F
T
A
0
.
6
J
A
M
S
4
P
A
C
0
.
6
J
A
M
S
4
P
6
7
6
.
6
7
6
.
7
0
1
0
0
8
0
0
6
1
3
.
0
1
8
.
8
3
G
H
G
T
5
.
6
J
A
M
S
4
P
C
5
.
6
J
A
M
S
4
P
5
.
6
2
2
.
7
4
1
.
9
0
1
0
0
5
0
0
0
1
3
.
2
1
5
.
2
3
H
H
H
T
A
5
.
6
J
A
M
S
4
P
A
C
5
.
6
J
A
M
S
4
P
5
.
6
2
2
.
7
3
.
8
0
1
0
0
5
0
0
1
2
.
1
1
7
.
5
3
K
H
K
T
0
.
7
J
A
M
S
4
P
C
0
.
7
J
A
M
S
4
P
7
8
7
.
7
6
8
.
9
0
1
0
0
2
0
0
4
3
.
3
1
1
.
0
3
L
H
L
T
A
0
.
7
J
A
M
S
4
P
A
C
0
.
7
J
A
M
S
4
P
7
8
7
.
7
5
9
.
8
0
1
0
0
2
0
0
4
2
1
3
.
3
3
M
H
M
T
5
.
7
J
A
M
S
4
P
C
5
.
7
J
A
M
S
4
P
5
.
7
3
3
.
8
7
6
.
0
1
1
0
0
1
0
0
2
3
.
4
1
8
2
N
H
N
T
A
5
.
7
J
A
M
S
4
P
A
C
5
.
7
J
A
M
S
4
P
5
.
7
3
3
.
8
8
5
.
9
1
0
0
1
0
0
2
9
.
2
1
1
3
P
H
P
T
0
.
8
J
A
M
S
4
P
C
0
.
8
J
A
M
S
4
P
8
9
8
.
8
3
.
1
1
1
0
5
0
0
1
5
1
5
.
6
2
Q
H
Q
T
A
0
.
8
J
A
M
S
4
P
A
C
0
.
8
J
A
M
S
4
P
8
9
8
.
8
3
2
.
0
1
1
0
5
0
0
1
6
.
3
1
4
.
9
2
R
H
R
T
5
.
8
J
A
M
S
4
P
C
5
.
8
J
A
M
S
4
P
0
5
.
8
4
4
.
9
2
9
.
1
1
1
0
1
0
2
9
.
5
1
1
.
5
2
S
H
S
T
A
5
.
8
J
A
M
S
4
P
A
C
5
.
8
J
A
M
S
4
P
0
5
.
8
4
4
.
9
2
8
.
0
1
1
0
1
0
2
4
.
4
1
7
.
7
2
T
H
T
T
0
.
9
J
A
M
S
4
P
C
0
.
9
J
A
M
S
4
P
9
0
1
6
.
2
1
1
5
5
9
.
6
1
6
.
3
2
U
H
U
T
A
0
.
9
J
A
M
S
4
P
A
C
0
.
9
J
A
M
S
4
P
9
0
1
5
.
1
1
1
5
5
4
.
5
1
6
2
V
H
V
T
0
1
J
A
M
S
4
P
C
0
1
J
A
M
S
4
P
0
1
1
.
1
1
1
.
4
1
1
5
5
8
.
8
1
2
.
1
2
W
H
W
T
A
0
1
J
A
M
S
4
P
A
C
0
1
J
A
M
S
4
P
0
1
1
.
1
1
8
.
2
1
1
5
5
7
1
5
.
3
2
X
H
X
T
1
1
J
A
M
S
4
P
C
1
1
J
A
M
S
4
P
1
1
2
.
2
1
4
.
5
1
1
5
5
1
.
0
2
0
2
Y
H
Y
T
A
1
1
J
A
M
S
4
P
A
C
1
1
J
A
M
S
4
P
1
1
2
.
2
1
4
1
1
5
5
2
.
8
1
2
2
Z
H
Z
T
2
1
J
A
M
S
4
P
C
2
1
J
A
M
S
4
P
2
1
3
.
3
1
9
.
6
1
1
5
5
2
2
1
.
8
1
D
I
D
U
A
2
1
J
A
M
S
4
P
A
C
2
1
J
A
M
S
4
P
2
1
3
.
3
1
3
.
5
1
1
5
5
9
.
9
1
1
.
0
2
E
I
E
U
3
1
J
A
M
S
4
P
C
3
1
J
A
M
S
4
P
3
1
4
.
4
1
2
.
8
1
1
5
5
8
.
3
2
8
.
6
1
F
I
F
U
A
3
1
J
A
M
S
4
P
A
C
3
1
J
A
M
S
4
P
3
1
4
.
4
1
5
.
6
1
1
5
5
5
.
1
2
6
.
8
1
G
I
G
U
4
1
J
A
M
S
4
P
C
4
1
J
A
M
S
4
P
4
1
6
.
5
1
8
.
9
1
1
5
5
8
.
5
2
5
.
5
1
H
I
H
U
A
4
1
J
A
M
S
4
P
A
C
4
1
J
A
M
S
4
P
4
1
6
.
5
1
9
.
7
1
1
5
5
2
.
3
2
2
.
7
1
K
I
K
U
5
1
J
A
M
S
4
P
C
5
1
J
A
M
S
4
P
5
1
7
.
6
1
1
.
1
2
1
5
5
9
.
6
2
8
.
4
1
L
I
L
U
A
5
1
J
A
M
S
4
P
A
C
5
1
J
A
M
S
4
P
5
1
7
.
6
1
2
.
9
1
1
5
5
4
.
4
2
4
.
6
1
M
I
M
U
6
1
J
A
M
S
4
P
C
6
1
J
A
M
S
4
P
6
1
8
.
7
1
6
.
2
2
1
5
5
8
.
8
2
8
.
3
1
N
I
N
U
A
6
1
J
A
M
S
4
P
A
C
6
1
J
A
M
S
4
P
6
1
8
.
7
1
5
.
0
2
1
5
5
6
2
3
.
5
1
P
I
P
U
7
1
J
A
M
S
4
P
C
7
1
J
A
M
S
4
P
7
1
9
.
8
1
9
.
3
2
1
5
5
5
.
0
3
1
.
3
1
Q
I
Q
U
A
7
1
J
A
M
S
4
P
A
C
7
1
J
A
M
S
4
P
7
1
9
.
8
1
7
.
1
2
1
5
5
6
.
7
2
5
.
4
1
R
I
R
U
8
1
J
A
M
S
4
P
C
8
1
J
A
M
S
4
P
8
1
0
2
3
.
5
2
1
5
5
2
.
2
3
4
.
2
1
S
I
S
U
A
8
1
J
A
M
S
4
P
A
C
8
1
J
A
M
S
4
P
8
1
0
2
3
.
3
2
1
5
5
2
.
9
2
7
.
3
1
T
I
T
U
0
2
J
A
M
S
4
P
C
0
2
J
A
M
S
4
P
0
2
2
.
2
2
1
.
8
2
1
5
5
8
.
5
3
1
.
1
1
U
I
U
U
A
0
2
J
A
M
S
4
P
A
C
0
2
J
A
M
S
4
P
0
2
2
.
2
2
5
.
5
2
1
5
5
4
.
2
3
3
.
2
1
V
I
V
U
2
2
J
A
M
S
4
P
C
2
2
J
A
M
S
4
P
2
2
4
.
4
2
9
.
0
3
1
5
5
4
.
9
3
1
.
0
1
W
I
W
U
A
2
2
J
A
M
S
4
P
A
C
2
2
J
A
M
S
4
P
2
2
4
.
4
2
8
2
1
5
5
5
.
5
3
2
.
1
1
X
I
X
U
4
2
J
A
M
S
4
P
C
4
2
J
A
M
S
4
P
4
2
7
.
6
2
8
.
3
3
1
5
5
3
4
3
.
9
Y
I
Y
U
A
4
2
J
A
M
S
4
P
A
C
4
2
J
A
M
S
4
P
4
2
7
.
6
2
7
.
0
3
1
5
5
9
.
8
3
3
.
0
1
Z
I
Z
U
6
2
J
A
M
S
4
P
C
6
2
J
A
M
S
4
P
6
2
9
.
8
2
6
.
6
3
1
5
5
6
.
6
4
6
.
8
D
J
D
V
A
6
2
J
A
M
S
4
P
A
C
6
2
J
A
M
S
4
P
6
2
9
.
8
2
2
.
3
3
1
5
5
1
.
2
4
5
.
9
E
J
E
V
8
2
J
A
M
S
4
P
C
8
2
J
A
M
S
4
P
8
2
1
.
1
3
4
.
9
3
1
5
5
0
5
8
F
J
F
V
A
8
2
J
A
M
S
4
P
A
C
8
2
J
A
M
S
4
P
8
2
1
.
1
3
8
.
5
3
1
5
5
4
.
5
4
8
.
8
G
J
G
V
0
3
J
A
M
S
4
P
C
0
3
J
A
M
S
4
P
0
3
3
.
3
3
2
.
2
4
1
5
5
5
.
3
5
5
.
7
H
J
H
V
A
0
3
J
A
M
S
4
P
A
C
0
3
J
A
M
S
4
P
0
3
3
.
3
3
3
.
8
3
1
5
5
4
.
8
4
3
.
8
K
J
K
V
3
3
J
A
M
S
4
P
C
3
3
J
A
M
S
4
P
3
3
7
.
6
3
5
.
6
4
1
5
5
9
5
8
.
6
L
J
L
V
A
3
3
J
A
M
S
4
P
A
C
3
3
J
A
M
S
4
P
3
3
7
.
6
3
2
.
2
4
1
5
5
3
.
3
5
5
.
7
M
J
M
V
6
3
J
A
M
S
4
P
C
6
3
J
A
M
S
4
P
6
3
0
4
7
.
0
5
1
5
5
3
.
4
6
2
.
6
N
J
N
V
A
6
3
J
A
M
S
4
P
A
C
6
3
J
A
M
S
4
P
6
3
0
4
6
4
1
5
5
1
.
8
5
9
.
6
P
J
P
V
0
4
J
A
M
S
4
P
C
0
4
J
A
M
S
4
P
0
4
4
.
4
4
3
.
6
5
1
5
5
4
.
1
7
6
.
5
Q
J
Q
V
A
0
4
J
A
M
S
4
P
A
C
0
4
J
A
M
S
4
P
0
4
4
.
4
4
1
.
1
5
1
5
5
5
.
4
6
2
.
6
R
J
R
V


Similar Part No. - P4SMAJ8.5CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ8.5CA PANJIT-P4SMAJ8.5CA Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
Surge Components
P4SMAJ8.5CA SURGE-P4SMAJ8.5CA Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Transys Electronics
P4SMAJ8.5CA TRSYS-P4SMAJ8.5CA Datasheet
240Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ8.5CA WTE-P4SMAJ8.5CA Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Lunsure Electr...
P4SMAJ8.5CA CHENYI-P4SMAJ8.5CA Datasheet
422Kb / 6P
   400Watt transient voltage suppressors 5.0to170 volts
More results

Similar Description - P4SMAJ8.5CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com