Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB201 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # RB201
Description  2.0 A SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

RB201 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  RB201 Datasheet HTML 1Page - Pan Jit International Inc. RB201 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-JAN.11.2007
RB200 SERIES
Fig.1 DERATING CURVE OUTPUT RECTIFIED CURRENT
Fig.3 TYPICAL FORWARD CHARACTERISTIC
Fig.5 TYPICAL JUNCTION CAPACITANCE
PER BRIDGE ELEMENT
Fig.4 TYPICAL REVERSE CHARACTERISTICS
Fig.2MAXIMUM NON-REPETITIVE PEAK FORWARD CURRENT
AMBIENT TEMPERATURE, C
O
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
0
0
0.5
1.0
1.5
2.0
20
40
60
80
100
120
2
0
10
20
30
40
60
80
4
6
10
204060
100
T=25 C
8.3msSINGLEHALFSINEWAVE
JEDED METHOD
A
O
0.4
0.01
0.1
1.0
10
20
0.6
0.8
1.0
1.2
1.4
T=25 C
Pulse Width =300us
1% Duty Cycle
J
O
1
0.01
0.1
1.0
10
20
40
60
80
100
120
160
T=25 C
J
O
T =100 C
J
O
.1
1
2
4
6
10
20
40
60
100
.2
.4
12
4
10
20
40
100
2.5
3.5
4.0
3.0
140


Similar Part No. - RB201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RB201 WTE-RB201 Datasheet
46Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
Leshan Radio Company
RB201 LRC-RB201 Datasheet
58Kb / 2P
   2.0/3.0A RB SERIES SIP BRIDGE RECTIFIERS
logo
Won-Top Electronics
RB201 WTE-RB201 Datasheet
58Kb / 4P
   2.0A SINGLE-PHASE BRIDGE RECTIFIER
RB2010 WTE-RB2010 Datasheet
46Kb / 3P
   2.0A BRIDGE RECTIFIER
RB2010 WTE-RB2010 Datasheet
58Kb / 4P
   2.0A SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - RB201

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
EBSA201 SECOS-EBSA201_15 Datasheet
206Kb / 2P
   2.0 Amp Silicon Bridge Rectifiers
logo
Taiwan Semiconductor Co...
2W005 TSC-2W005 Datasheet
261Kb / 2P
   Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
2W005M TSC-2W005M_1 Datasheet
262Kb / 2P
   Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
logo
Yangzhou yangjie electr...
2W005 YANGJIE-2W005 Datasheet
250Kb / 2P
   SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Jinan Gude Electronic D...
KBP200 JGD-KBP200 Datasheet
118Kb / 2P
   SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Daya Electric Group Co....
2W005 DAYA-2W005 Datasheet
287Kb / 2P
   Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
logo
Jinan Gude Electronic D...
2W005 JGD-2W005 Datasheet
178Kb / 2P
   SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBP201 TSC-KBP201 Datasheet
51Kb / 2P
   Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
logo
Surge Components
2W005M SURGE-2W005M Datasheet
123Kb / 2P
   SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS????
logo
New Jersey Semi-Conduct...
2W005M NJSEMI-2W005M Datasheet
107Kb / 1P
   Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com