Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB75A Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # P6SMB75A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6SMB75A Datasheet(HTML) 3 Page - Pan Jit International Inc.

  P6SMB75A Datasheet HTML 1Page - Pan Jit International Inc. P6SMB75A Datasheet HTML 2Page - Pan Jit International Inc. P6SMB75A Datasheet HTML 3Page - Pan Jit International Inc. P6SMB75A Datasheet HTML 4Page - Pan Jit International Inc. P6SMB75A Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
STAD-MAY.25.2007
P6SMB SERIES
r
e
b
m
u
N
t
r
a
P
V RWM
V BR
I
@
T
IR @VRWM
VC @IPP
e
d
o
C
g
n
i
k
r
a
M
.
n
i
M
.
x
a
M
IT
-
I
N
U
-
I
B
I
N
U
I
B
V
V
V
A
m
µ
µ
µ
µµ A
µ
µ
µ
µµ A
V
AI
N
U
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
6
A
3
4
B
M
S
6
P
A
C
3
4
B
M
S
6
P
8
.
6
3
9
.
0
4
2
.
5
4
1
5
5
3
.
9
5
1
.
0
1
R
X
E
R
X
D
7
4
B
M
S
6
P
C
7
4
B
M
S
6
P
1
.
8
3
3
.
2
4
7
.
1
5
1
5
5
8
.
7
6
9
.
8
S
X
E
S
X
D
A
7
4
B
M
S
6
P
A
C
7
4
B
M
S
6
P
2
.
0
4
7
.
4
4
4
.
9
4
1
5
5
8
.
4
6
3
.
9
T
X
E
T
X
D
1
5
B
M
S
6
P
C
1
5
B
M
S
6
P
3
.
1
4
9
.
5
4
1
.
6
5
1
5
5
5
.
3
7
2
.
8
U
X
E
U
X
D
A
1
5
B
M
S
6
P
A
C
1
5
B
M
S
6
P
6
.
3
4
5
.
8
4
6
.
3
5
1
5
5
1
.
0
7
6
.
8
V
X
E
V
X
D
6
5
B
M
S
6
P
C
6
5
B
M
S
6
P
6
.
5
4
4
.
0
5
6
.
1
6
1
5
5
5
.
0
8
4
.
7
W
X
E
W
X
D
A
6
5
B
M
S
6
P
A
C
6
5
B
M
S
6
P
8
.
7
4
2
.
3
5
8
.
8
5
1
5
5
7
7
8
.
7
X
X
E
X
X
D
2
6
B
M
S
6
P
C
2
6
B
M
S
6
P
2
.
0
5
8
.
5
5
2
.
8
6
1
5
5
9
8
8
.
6
Y
X
E
Y
X
D
A
2
6
B
M
S
6
P
A
C
2
6
B
M
S
6
P
3
5
9
.
8
5
1
.
5
6
1
5
5
5
8
1
.
7
Z
X
E
Z
X
D
8
6
B
M
S
6
P
C
8
6
B
M
S
6
P
1
.
5
5
2
.
1
6
8
.
4
7
1
5
5
8
9
1
.
6
A
Y
E
A
Y
D
A
8
6
B
M
S
6
P
A
C
8
6
B
M
S
6
P
1
.
8
5
6
.
4
6
4
.
1
7
1
5
5
2
9
5
.
6
B
Y
E
B
Y
D
5
7
B
M
S
6
P
C
5
7
B
M
S
6
P
7
.
0
6
5
.
7
6
5
.
2
8
1
5
5
8
0
1
5
.
5
C
Y
E
C
Y
D
A
5
7
B
M
S
6
P
A
C
5
7
B
M
S
6
P
1
.
4
6
3
.
1
7
8
.
8
7
1
5
5
3
0
1
8
.
5
D
Y
E
D
Y
D
2
8
B
M
S
6
P
C
2
8
B
M
S
6
P
4
.
6
6
8
.
3
7
2
.
0
9
1
5
5
8
1
1
1
.
5
E
Y
E
E
Y
D
A
2
8
B
M
S
6
P
A
C
2
8
B
M
S
6
P
1
.
0
7
9
.
7
7
1
.
6
8
1
5
5
3
1
1
3
.
5
F
Y
E
F
Y
D
1
9
B
M
S
6
P
C
1
9
B
M
S
6
P
7
.
3
7
9
.
1
8
0
0
1
1
5
5
1
3
1
5
.
4
G
Y
E
G
Y
D
A
1
9
B
M
S
6
P
A
C
1
9
B
M
S
6
P
8
.
7
7
5
.
6
8
5
.
5
9
1
5
5
5
2
1
8
.
4
H
Y
E
H
Y
D
0
0
1
B
M
S
6
P
C
0
0
1
B
M
S
6
P
1
8
0
9
0
1
1
1
5
5
4
4
1
2
.
4
J
Y
E
J
Y
D
A
0
0
1
B
M
S
6
P
A
C
0
0
1
B
M
S
6
P
5
.
5
8
5
9
5
0
1
1
5
5
7
3
1
4
.
4
K
Y
E
K
Y
D
0
1
1
B
M
S
6
P
C
0
1
1
B
M
S
6
P
2
.
9
8
9
9
1
2
1
1
5
5
8
5
1
8
.
3
L
Y
E
L
Y
D
A
0
1
1
B
M
S
6
P
A
C
0
1
1
B
M
S
6
P
4
9
5
0
1
6
1
1
1
5
5
2
5
1
4
M
Y
E
M
Y
D
0
2
1
B
M
S
6
P
C
0
2
1
B
M
S
6
P
2
.
7
9
8
0
1
2
3
1
1
5
5
3
7
1
5
.
3
N
Y
E
N
Y
D
A
0
2
1
B
M
S
6
P
A
C
0
2
1
B
M
S
6
P
2
0
1
4
1
1
6
2
1
1
5
5
5
6
1
6
.
3
P
Y
E
P
Y
D
0
3
1
B
M
S
6
P
C
0
3
1
B
M
S
6
P
5
0
1
7
1
1
3
4
1
1
5
5
7
8
1
2
.
3
Q
Y
E
Q
Y
D
A
0
3
1
B
M
S
6
P
A
C
0
3
1
B
M
S
6
P
1
1
1
4
2
1
7
3
1
1
5
5
9
7
1
3
.
3
R
Y
E
R
Y
D
0
5
1
B
M
S
6
P
C
0
5
1
B
M
S
6
P
1
2
1
5
3
1
5
6
1
1
5
5
5
1
2
8
.
2
S
Y
E
S
Y
D
A
0
5
1
B
M
S
6
P
A
C
0
5
1
B
M
S
6
P
8
2
1
3
4
1
8
5
1
1
5
5
7
0
2
9
.
2
T
Y
E
T
Y
D
0
6
1
B
M
S
6
P
C
0
6
1
B
M
S
6
P
0
3
1
4
4
1
6
7
1
1
5
5
0
3
2
6
.
2
U
Y
E
U
Y
D
A
0
6
1
B
M
S
6
P
A
C
0
6
1
B
M
S
6
P
6
3
1
2
5
1
8
6
1
1
5
5
9
1
2
7
.
2
V
Y
E
V
Y
D
0
7
1
B
M
S
6
P
C
0
7
1
B
M
S
6
P
8
3
1
3
5
1
7
8
1
1
5
5
4
4
2
5
.
2
W
Y
E
W
Y
D
A
0
7
1
B
M
S
6
P
A
C
0
7
1
B
M
S
6
P
5
4
1
2
6
1
9
7
1
1
5
5
4
3
2
6
.
2
X
Y
E
X
Y
D
0
8
1
B
M
S
6
P
C
0
8
1
B
M
S
6
P
6
4
1
2
6
1
8
9
1
1
5
5
8
5
2
3
.
2
Y
Y
E
Y
Y
D
A
0
8
1
B
M
S
6
P
A
C
0
8
1
B
M
S
6
P
4
5
1
1
7
1
9
8
1
1
5
5
6
4
2
4
.
2
Z
Y
E
Z
Y
D
0
0
2
B
M
S
6
P
C
0
0
2
B
M
S
6
P
2
6
1
0
8
1
0
2
2
1
5
5
7
8
2
1
.
2
A
W
E
A
W
D
A
0
0
2
B
M
S
6
P
A
C
0
0
2
B
M
S
6
P
1
7
1
0
9
1
0
1
2
1
5
5
4
7
2
2
.
2
B
W
E
B
W
D
0
2
2
B
M
S
6
P
C
0
2
2
B
M
S
6
P
5
7
1
8
9
1
2
4
2
1
5
5
4
4
3
8
.
1
C
W
E
C
W
D
A
0
2
2
B
M
S
6
P
A
C
0
2
2
B
M
S
6
P
5
8
1
9
0
2
1
3
2
1
5
5
8
2
3
9
.
1
D
W
E
D
W
D
0
5
2
B
M
S
6
P
C
0
5
2
B
M
S
6
P
2
0
2
5
2
2
5
7
2
1
5
5
0
6
3
7
.
1
E
W
E
E
W
D
A
0
5
2
B
M
S
6
P
A
C
0
5
2
B
M
S
6
P
4
1
2
7
3
2
3
6
2
1
5
5
4
4
3
8
.
1
F
W
E
F
W
D


Similar Part No. - P6SMB75A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6SMB75A VISHAY-P6SMB75A Datasheet
109Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 06-Jun-14
logo
Central Semiconductor C...
P6SMB75A CENTRAL-P6SMB75A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Microdiode Electronics ...
P6SMB75A CHENDA-P6SMB75A Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
logo
Diotech Company.
P6SMB75A DIOTECH-P6SMB75A Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
P6SMB75A HUAXINAN-P6SMB75A Datasheet
437Kb / 5P
   600W Transient Voltage Suppressors
More results

Similar Description - P6SMB75A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com