Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4157BRUZ-RL1 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4157BRUZ-RL1
Description  High Resolution 6 GHz Fractional-N Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4157BRUZ-RL1 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4157BRUZ-RL1 Datasheet HTML 4Page - Analog Devices ADF4157BRUZ-RL1 Datasheet HTML 5Page - Analog Devices ADF4157BRUZ-RL1 Datasheet HTML 6Page - Analog Devices ADF4157BRUZ-RL1 Datasheet HTML 7Page - Analog Devices ADF4157BRUZ-RL1 Datasheet HTML 8Page - Analog Devices ADF4157BRUZ-RL1 Datasheet HTML 9Page - Analog Devices ADF4157BRUZ-RL1 Datasheet HTML 10Page - Analog Devices ADF4157BRUZ-RL1 Datasheet HTML 11Page - Analog Devices ADF4157BRUZ-RL1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADF4157
Rev. 0 | Page 8 of 20
CIRCUIT DESCRIPTION
INT, FRAC, AND R RELATIONSHIP
REFERENCE INPUT SECTION
The INT and FRAC values, in conjunction with the R counter,
make it possible to generate output frequencies that are spaced
by fractions of the phase frequency detector (PFD). See the
The reference input stage is shown in Figure 11. SW1 and SW2
are normally closed switches. SW3 is normally open. When
power-down is initiated, SW3 is closed and SW1 and SW2 are
opened. This ensures that there is no loading of the REFIN pin
on power-down.
RF
Synthesizer: A Worked Example section for more information.
The RF VCO frequency (RFOUT) equation is
RFOUT = fPFD × (INT + (FRAC/225))
(1)
BUFFER
TO R COUNTER
REFIN
100kΩ
NC
SW2
SW3
NC
NC
SW1
POWER-DOWN
CONTROL
where:
RFOUT is the output frequency of the external voltage controlled
oscillator (VCO).
INT is the preset divide ratio of the binary 12-bit counter (23 to
4095).
FRAC is the numerator of the fractional division (0 to 225 − 1).
Figure 11. Reference Input Stage
fPFD = REFIN × [(1 + D)/(R × (1+T))]
(2)
RF INPUT STAGE
where:
REFIN is the reference input frequency.
D is the REFIN doubler bit.
R is the preset divide ratio of the binary 5-bit programmable
reference counter (1 to 32).
T is the REFIN divide-by-2 bit (0 or 1).
The RF input stage is shown in Figure 12. It is followed by
a 2-stage limiting amplifier to generate the current-mode logic
(CML) clock levels needed for the prescaler.
BIAS
GENERATOR
1.6V
AGND
AVDD
2kΩ
2kΩ
RFINB
RFINA
RF R COUNTER
The 5-bit RF R counter allows the input reference frequency
(REFIN) to be divided down to produce the reference clock to
the PFD. Division ratios from 1 to 32 are allowed.
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
FRAC
VALUE
MOD
REG
INT
REG
RF N DIVIDER
N = INT + FRAC/MOD
FROM RF
INPUT STAGE
TO PFD
N-COUNTER
Figure 12. RF Input Stage
RF INT DIVIDER
Figure 13. RF N Divider
The RF INT counter allows a division ratio in the PLL feedback
counter. Division ratios from 23 to 4095 are allowed.
25-BIT FIXED MODULUS
The ADF4157 has a 25-bit fixed modulus. This allows output
frequencies to be spaced with a resolution of
fRES = fPFD/225
where fPFD is the frequency of the phase frequency detector
(PFD). For example, with a PFD frequency of 10 MHz,
frequency steps of 0.298 Hz are possible.


Similar Part No. - ADF4157BRUZ-RL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4157 AD-ADF4157_15 Datasheet
348Kb / 24P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. D
More results

Similar Description - ADF4157BRUZ-RL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4157 AD-ADF4157_15 Datasheet
348Kb / 24P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. D
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com