Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB10150DC Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SB10150DC
Description  D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB10150DC Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB10150DC Datasheet HTML 1Page - Pan Jit International Inc. SB10150DC Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
REV.0-MAR.19.2005
DATA SHEET
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of
MIL-S-19500/228
• Low power loss, high efficiency.
• Low forwrd voltge, high current capability
• High surge capacity.
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
• Pb free product are available : 99% Sn above can meet Rohs environment
substance directive request
SB1020DC~SB10150DC
D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
.409(10.4)
.189(4.8)
.055(1.4)
.026(0.7)
.108(2.75)
.108(2.75)
.055(1.4)
.236(6.0)
.387(9.80)
.137(4.4)
.047(1.2)
.011(0.3)
.092(2.35)
.092(2.35)
.039(1.0)
.197(5.0)
.035(0.9)MAX
TO - 2 6 3/D PA K
2
Unit: inch (mm)
C
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S
C
D
0
2
0
1
B
SC
D
0
3
0
1
B
SC
D
0
4
0
1
B
SC
D
5
4
0
1
B
SC
D
0
5
0
1
B
SC
D
0
6
0
1
B
SC
D
0
8
0
1
B
SC
D
0
0
1
0
1
B
SC
D
0
5
1
0
1
B
S
S
T
I
N
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
MVRRM
0
20
30
45
40
50
60
80
0
10
5
1V
e
g
a
tl
o
V
S
M
R
m
u
m
i
x
a
MVRMS
4
11
28
25
.
1
35
32
46
50
75
0
1V
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
VDC
0
20
30
45
40
50
60
80
0
10
5
1V
)
m
m
5
.
9
(
"
5
7
3
.
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
T
t
a
h
t
g
n
e
l
d
a
e
lc
0
0
1
=
OC
IAV
0
1A
-
e
n
i
s
fl
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
ir
e
p
u
s
e
v
a
w
IFSM
0
5
1A
g
e
l
r
e
p
,
A
0
.
5
t
a
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
VF
5
5
.
05
7
.
05
8
.
02
9
.
0V
5
2
=
A
T
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
OC
0
0
1
=
A
T
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
OC
IR
5
.
0
0
5
A
m
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
Te
R
θ C
J0
.
3
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
it
c
n
u
J
g
n
it
a
r
e
p
OTJ T
, STG
5
2
1
+
O
T
0
5
-
OC
VOLTAGE
20 to 150 Volts
10 Amperes
CURRENT
MECHANCALDATA
Case: D2PAK Molded plastic
Terminals: Solder plated, solderable per MIL-STD-202G, Method 208
Polarity: As marked.
Standard packaging: Any
Weight: 0.06 ounces, 1.7 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%


Similar Part No. - SB10150DC

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB10150DC WTE-SB10150DC Datasheet
47Kb / 4P
   10A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB10150DC WTE-SB10150DC Datasheet
68Kb / 4P
   10A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SB10150DC ZSELEC-SB10150DC Datasheet
147Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SB10150DC-T3 WTE-SB10150DC-T3 Datasheet
47Kb / 4P
   10A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB10150DC WTE-SB10150DC_08 Datasheet
68Kb / 4P
   10A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB10150DC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR1040DC PANJIT-MBR1040DC Datasheet
125Kb / 3P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SB820DC PANJIT-SB820DC_05 Datasheet
1Mb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
MBR1040DC PANJIT-MBR1040DC_16 Datasheet
324Kb / 5P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
MBR1640DC PANJIT-MBR1640DC_16 Datasheet
295Kb / 5P
   D2PAK SURFACE SCHOTTKY BARRIER RECTIFIERS
SB1620DC PANJIT-SB1620DC_05 Datasheet
428Kb / 2P
   D2PAK SURFACE SCHOTTKY BARRIER RECTIFIERS
MBR1640DC PANJIT-MBR1640DC Datasheet
108Kb / 3P
   D2PAK SURFACE SCHOTTKY BARRIER RECTIFIERS
logo
Transys Electronics
SB1620DC TRSYS-SB1620DC Datasheet
148Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB820D TRSYS-SB820D Datasheet
146Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB820D WTE-SB820D Datasheet
44Kb / 3P
   8.0A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB1020DC WTE-SB1020DC Datasheet
46Kb / 3P
   10A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com