Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD880CT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SD880CT
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD880CT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SD880CT Datasheet HTML 1Page - Pan Jit International Inc. SD880CT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-FEB.21.2005
DATA SHEET
FEATURES
• For surface mounted applications
• Low power loss, High efficiency
• Built-in strain relief
• Easy pick and place
• High surge capacity
• Plastic package has Underwriters Laboratory Flammability Classification 94V-O
.
For use in low voltage high frequency inverters, free wheeling, and polarity
porotection applications
• Both normal and Pb free product are available :
Normal : 80~95% Sn, 5~20% Pb
Pb free: 98.5% Sn above
SD820CS~SD8100CS
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
.032(0.8)
.106(2.7)
.264(6.7)
.09 .09
.216(5.5)
.012(0.3)
.090(2.3)
.248(6.3)
(2.3) (2.3)
.200(5.1)
TO-252/DPAK
Unit : inch (mm)
C
.098(2.5)
.024(0.6)
.071(1.8)
.02(0.5)
.082(2.1)
.016(0.4)
.051(1.3)
VOLTAGE
20 to 100 Volts
8 Amperes
CURRENT
MECHANICALDATA
Case: D PAK/TO-252 molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
Polarity: Color band denotes cathode
Standard packaging: 16mm tape (EIA-481)
Weight: 0.015 ounce, 0.4 gram.
MAXIMUM RATINGS AND ELECTRICAL CHARATERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load
For capacitive load, derate current by 20%
PARAMETER
SYMBOL
SD820
CT
SD830
CT
SD840
CT
SD860
CT
SD880
CT
SD8100
CT
UNITS
Maximum Recurrent Peak Reverse
Voltage
V RRM
20
30
40
60
80
100
V
Maximum RMS Voltage
V RMS
14
21
28
42
56
70
V
Maximum DC Blocking Voltage
V DC
20
30
40
60
80
100
V
Maximum Average Forward Rectified
Current .at Tc =85
O
C
I AV
8
A
Peak Forward Surge Current :8.3ms single
half sine-wave superimposed on rated
load(JEDEC method)
I FSM
85
A
Maximum Instantaneous Forward Voltage
at 4.0A (Note 1)
V F
0.55
0.75
0.85
V
Maximum DC Reverse Current TC=25
O
C
at Rated DC Blocking Voltage TC=100
O
C
I R
0.2
20
mA
Maximum Thermal Resistance
R ΘJC
R ΘJA
3.0
80
O
C / W
Operating Junction and Storage
Temperature Range
T J, T STG
-50 TO +125
O
C


Similar Part No. - SD880CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD880CT PANJIT-SD880CT Datasheet
39Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
SD880CT PANJIT-SD880CT Datasheet
428Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SD880CT

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com