Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29001UV-55 Datasheet(PDF) 11 Page - AMIC Technology

Part # A29001UV-55
Description  128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29001UV-55 Datasheet(HTML) 11 Page - AMIC Technology

Back Button A29001UV-55 Datasheet HTML 7Page - AMIC Technology A29001UV-55 Datasheet HTML 8Page - AMIC Technology A29001UV-55 Datasheet HTML 9Page - AMIC Technology A29001UV-55 Datasheet HTML 10Page - AMIC Technology A29001UV-55 Datasheet HTML 11Page - AMIC Technology A29001UV-55 Datasheet HTML 12Page - AMIC Technology A29001UV-55 Datasheet HTML 13Page - AMIC Technology A29001UV-55 Datasheet HTML 14Page - AMIC Technology A29001UV-55 Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
A29001/A290011 Series
command is ignored if written during the chip erase
operation or Embedded Program algorithm. Writing the
Erase Suspend command during the Sector Erase time-
out immediately terminates the time-out period and
suspends the erase operation. Addresses are "don't
cares" when writing the Erase Suspend command.
(December, 2004, Version 1.3)
10
AMIC Technology, Corp.
START
Write Erase
Command
Sequence
Data Poll
from System
Data = FFh ?
Erasure Completed
Yes
Embedded
Erase
algorithm in
progress
Note :
1. See the appropriate Command Definitions table for erase
command sequences.
2. See "I/O3 : Sector Erase Timer" for more information.
No
Figure 3. Erase Operation
When the Erase Suspend command is written during a
sector erase operation, the device requires a maximum of
20
µs to suspend the erase operation. However, when the
Erase Suspend command is written during the sector
erase time-out, the device immediately terminates the
time-out period and suspends the erase operation.
After the erase operation has been suspended, the system
can read array data from or program data to any sector
not selected for erasure. (The device "erase suspends" all
sectors selected for erasure.) Normal read and write
timings and command definitions apply. Reading at any
address within erase-suspended sectors produces status
data on I/O7 - I/O0. The system can use I/O7, or I/O6 and
I/O2 together, to determine if a sector is actively erasing or
is erase-suspended. See "Write Operation Status" for
information on these status bits.
After an erase-suspended program operation is complete,
the system can once again read array data within non-
suspended sectors. The system can determine the status
of the program operation using the I/O7 or I/O6 status bits,
just as in the standard program operation. See "Write
Operation Status" for more information.
The system may also write the autoselect command
sequence when the device is in the Erase Suspend mode.
The device allows reading autoselect codes even at
addresses within erasing sectors, since the codes are not
stored in the memory array. When the device exits the
autoselect mode, the device reverts to the Erase Suspend
mode, and is ready for another valid operation. See
"Autoselect Command Sequence" for more information.
The system must write the Erase Resume command
(address bits are "don't care") to exit the erase suspend
mode and continue the sector erase operation. Further
writes of the Resume command are ignored. Another
Erase Suspend command can be written after the device
has resumed erasing.


Similar Part No. - A29001UV-55

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29001UV-55 AMICC-A29001UV-55 Datasheet
311Kb / 32P
   128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29001UV-55

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29001B AMICC-A29001B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
A29001 AMICC-A29001 Datasheet
311Kb / 32P
   128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A290011B AMICC-A290011B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
A29010B AMICC-A29010B Datasheet
351Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
   128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29002 AMICC-A29002 Datasheet
312Kb / 32P
   256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF010-55CCIN ALSC-AS29CF010-55CCIN Datasheet
600Kb / 28P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
AMIC Technology
A29010 AMICC-A29010 Datasheet
288Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com