Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74GTLPH16912GR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74GTLPH16912GR
Description  18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLPH16912GR Datasheet(HTML) 3 Page - Texas Instruments

  SN74GTLPH16912GR Datasheet HTML 1Page - Texas Instruments SN74GTLPH16912GR Datasheet HTML 2Page - Texas Instruments SN74GTLPH16912GR Datasheet HTML 3Page - Texas Instruments SN74GTLPH16912GR Datasheet HTML 4Page - Texas Instruments SN74GTLPH16912GR Datasheet HTML 5Page - Texas Instruments SN74GTLPH16912GR Datasheet HTML 6Page - Texas Instruments SN74GTLPH16912GR Datasheet HTML 7Page - Texas Instruments SN74GTLPH16912GR Datasheet HTML 8Page - Texas Instruments SN74GTLPH16912GR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.ti.com
FUNCTIONAL DESCRIPTION
SN74GTLPH16912
18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SCES288C – OCTOBER 1999 – REVISED JUNE 2005
The SN74GTLPH16912 is a medium-drive (50-mA), 18-bit UBT transceiver containing D-type latches and D-type
flip-flops for data-path operation in transparent, latched, clocked, or clock-enabled modes and can replace any of
the functions shown in Table 1. Data polarity is noninverting.
Table 1. SN74GTLPH16912 UBT Transceiver Replacement Functions
FUNCTION
8 BIT
9 BIT
10 BIT
16 BIT
18 BIT
Transceiver
'245, '623, '645
'863
'861
'16245, '16623
'16863
Buffer/driver
'241, '244, '541
'827
'16241, '16244, '16541
'16825
Latched transceiver
'543
'16543
'16472
Latch
'373, '573
'843
'841
'16373
'16843
Registered transceiver
'646, '652
'16646, '16652
'16474
Flip-flop
'374, '574
'821
'16374
Standard UBT
'16500, '16501
Universal bus driver
'16835
Registered transceiver with clock enable
'2952
'16470, '16952
Flip-flop with clock enable
'377
'823
'16823
Standard UBT with clock enable
'16600, '16601
SN74GTLPH16912 UBT transceiver replaces all above functions
Data flow in each direction is controlled by clock enables (CEAB and CEBA), latch enables (LEAB and LEBA),
clock (CLKAB and CLKBA), and output enables (OEAB and OEBA). CEAB and CEBA and OEAB and OEBA
control the 18 bits of data for the A-to-B and B-to-A directions, respectively.
For A-to-B data flow, when CEAB is low, the device operates on the low-to-high transition of CLKAB for the
flip-flop and on the high-to-low transition of LEAB for the latch path, i.e., if CEAB and LEAB are low, the A data is
latched, regardless of the state of CLKAB (high or low). If LEAB is high, the device is in transparent mode. When
OEAB is low, the outputs are active. When OEAB is high, the outputs are in the high-impedance state.
The data flow for B to A is similar to that of A to B, except CEBA, OEBA, LEBA, and CLKBA are used.
FUNCTION TABLE(1)
INPUTS
OUTPUT
MODE
B
CEAB
OEAB
LEAB
CLKAB
A
X
H
X
X
X
Z
Isolation
L
L
L
H
X
B0(2)
Latched storage of A data
L
L
L
L
X
B0(3)
X
L
H
X
L
L
True transparent
X
L
H
X
H
H
L
L
L
L
L
Clocked storage of A data
L
L
L
H
H
H
L
L
X
X
B0(3)
Clock inhibit
(1)
A-to-B data flow is shown. B-to-A data flow is similar, but uses CEBA, OEBA, LEBA, and CLKBA.
The condition when OEAB and OEBA are both low at the same time is not recommended.
(2)
Output level before the indicated steady-state input conditions were established, provided that
CLKAB was high before LEAB went low
(3)
Output level before the indicated steady-state input conditions were established
3


Similar Part No. - SN74GTLPH16912GR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLPH16912GR TI-SN74GTLPH16912GR Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
More results

Similar Description - SN74GTLPH16912GR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GTLP18T612 FAIRCHILD-GTLP18T612 Datasheet
74Kb / 9P
   18-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16612 TI-SN74GTLPH16612 Datasheet
166Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH32912 TI1-SN74GTLPH32912 Datasheet
388Kb / 17P
[Old version datasheet]   36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP16T1655 FAIRCHILD-GTLP16T1655 Datasheet
107Kb / 14P
   16-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH1612 TI-SN74GTLPH1612 Datasheet
157Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP36T612 FAIRCHILD-GTLP36T612 Datasheet
78Kb / 8P
   36-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306 TI1-SN74GTLPH306_15 Datasheet
589Kb / 17P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com