Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2006I Datasheet(PDF) 9 Page - Texas Instruments

Part # TSC2006I
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2006I Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSC2006I Datasheet HTML 5Page - Texas Instruments TSC2006I Datasheet HTML 6Page - Texas Instruments TSC2006I Datasheet HTML 7Page - Texas Instruments TSC2006I Datasheet HTML 8Page - Texas Instruments TSC2006I Datasheet HTML 9Page - Texas Instruments TSC2006I Datasheet HTML 10Page - Texas Instruments TSC2006I Datasheet HTML 11Page - Texas Instruments TSC2006I Datasheet HTML 12Page - Texas Instruments TSC2006I Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
www.ti.com
Temperature( C)
°
-40
-20
7
6
5
4
3
2
1
0
20
40
60
80
100
X+
X-
Y+
Y-
X+,Y+:SNSVDD=3VtoPin
X ,Y :PintoGND
-
-
Temperature( C)
°
-40
-20
9
8
7
6
5
4
3
2
0
20
40
60
80
100
X+
X-
Y+
Y-
X+,Y+:SNSVDD=1.8VtoPin
X ,Y :PintoGND
-
-
Temperature( C)
°
-40
-20
850
800
750
700
650
600
550
500
450
400
0
20
40
60
80
100
95.3mV
138.2mV
TEMP2
TEMP1
I/OVDD=SNSVDD=3V
V
=2.5V
REF
MeasurementIncludes
A/DConverterOffset
andGainErrors
1.2
1.6
2.0
2.4
2.8
3.2
3.6
SNSVDD(V)
11
10
9
8
7
6
5
4
3
X+,Y+:SNSVDDtoPin
X ,Y :PintoGND
-
-
T =+25 C
°
A
X+
Y+
Y-
X-
1.2
1.6
2.0
2.4
2.8
3.2
3.6
SNSVDD(V)
588
586
584
582
580
578
576
SNSVDD=I/OVDD=V
REF
T =+25 C
°
A
MeasurementIncludes
A/DConverterOffset
andGainErrors
1.2
1.6
2.0
2.4
2.8
3.2
3.6
SNSVDD(V)
704
702
700
698
696
694
692
SNSVDD=I/OVDD=V
REF
T =+25 C
°
A
MeasurementIncludes
A/DConverterOffset
andGainErrors
TSC2006
SBAS415A – JUNE 2007 – REVISED NOVEMBER 2007
TYPICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, SNSVDD = VREF = +1.2V to +3.6V, I/OVDD = +1.2V to +3.6V, fADC = fOSC/2, fSCLK = 10MHz,
12-bit mode, and non-continuous AUX measurement, unless otherwise noted.
SWITCH ON-RESISTANCE
SWITCH ON-RESISTANCE
vs TEMPERATURE
vs TEMPERATURE
Figure 13.
Figure 14.
SWITCH ON-RESISTANCE
TEMP DIODE VOLTAGE
vs SNSVDD SUPPLY VOLTAGE
vs TEMPERATURE
Figure 15.
Figure 16.
TEMP1 DIODE VOLTAGE
TEMP2 DIODE VOLTAGE
vs SNSVDD SUPPLY VOLTAGE
vs SNSVDD SUPPLY VOLTAGE
Figure 17.
Figure 18.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TSC2006


Similar Part No. - TSC2006I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2006IRTJR TI1-TSC2006IRTJR Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006IRTJT TI1-TSC2006IRTJT Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006IRTJTG4 TI1-TSC2006IRTJTG4 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results

Similar Description - TSC2006I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
logo
Texas Instruments
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com