Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C199B-25ZC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C199B-25ZC
Description  32K x 8 Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199B-25ZC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C199B-25ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C199B-25ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C199B-25ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C199B-25ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C199B-25ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C199B-25ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C199B-25ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C199B-25ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C199B-25ZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CY7C199B
PRELIMINARY
3
]
Electrical Characteristics Over the Operating Range[3] (continued)
7C199B-20
7C199B-25
7C199B-35
7C199B-45
Parameter
Description
Test Conditions
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH
Voltage
VCC = Min., IOH=–4.0 mA
2.4
2.4
2.4
2.4
V
VOL
Output LOW
Voltage
VCC = Min., IOL=8.0 mA
0.4
0.4
0.4
0.4
V
VIH
Input HIGH
Voltage
2.2
VCC
+0.3V
2.2
VCC
+0.3V
2.2
VCC
+0.3V
2.2
VCC
+0.3V
V
VIL
Input LOW
Voltage
–0.5
0.8
-0.5
0.8
-0.5
0.8
-0.5
0.8
V
IIX
Input Load
Current
GND < VI < VCC
–5+5
–5+5
–5+5
–5+5
µA
IOZ
Output Leakage
Current
GND < VI < VCC,
Output Disabled
–5+5
–5+5
–5+5
–5+5
µA
ICC
VCC Operating
Supply Current
VCC = Max.,
IOUT = 0 mA,
f = fMAX = 1/tRC
Com’l
150
150
140
140
mA
L90
80
70
70
mA
Mil
170
150
150
150
mA
ISB1
Automatic CE
Power-Down
Current—
TTL Inputs
Max. VCC, CE > VIH,
VIN > VIH
or VIN < VIL, f = fMAX
Com’l30
30
25
25
mA
L5
5
5
5
mA
ISB2
Automatic CE
Power-Down
Current—
CMOS Inputs
Max. VCC,
CE > VCC – 0.3V
VIN > VCC – 0.3V or
VIN < 0.3V, f=0
Com’l10
10
10
10
mA
L
0.05
0.05
0.05
0.05
µA
Mil
15
15
15
15
mA
Capacitance[4]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
8pF
COUT
Output Capacitance
8
pF
Note:
4.
Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY7C199B-25ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
315Kb / 16P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
315Kb / 11P
   32K x 8 Static RAM
CY7C199-10VC CYPRESS-CY7C199-10VC Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199-10VC CYPRESS-CY7C199-10VC Datasheet
315Kb / 16P
   32K x 8 Static RAM
More results

Similar Description - CY7C199B-25ZC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com