Electronic Components Datasheet Search |
|
SN74LV393ADGVRE4 Datasheet(PDF) 3 Page - Texas Instruments |
|
SN74LV393ADGVRE4 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 18 page SN54LV393A, SN74LV393A DUAL 4BIT BINARY COUNTERS SCLS457D − FEBRUARY 2001 − REVISED APRIL 2005 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timing diagram CLK CLR QA QB QC QD Clear Outputs Count Up absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range applied in high or low state, VO (see Notes 1 and 2) −0.5 V to VCC + 0.5 V . . . . . . . . . . Output voltage range applied in power-off state, VO (see Note 1) −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) −20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0) −50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO (VO = 0 to VCC) ±25 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCC or GND ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 3): D package 86 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DB package 96 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DGV package 127 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NS package 76 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PW package 113 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed. 2. This value is limited to 7 V maximum. 3. The package thermal impedance is calculated in accordance with JESD 51-7. |
Similar Part No. - SN74LV393ADGVRE4 |
|
Similar Description - SN74LV393ADGVRE4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |