Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4316-SL Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT4316-SL
Description  Low Power 315/433 MHz OOK/ASK Superheterodyne Receiver with SAW-based Oscillator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4316-SL Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT4316-SL Datasheet HTML 1Page - Princeton Technology Corp PT4316-SL Datasheet HTML 2Page - Princeton Technology Corp PT4316-SL Datasheet HTML 3Page - Princeton Technology Corp PT4316-SL Datasheet HTML 4Page - Princeton Technology Corp PT4316-SL Datasheet HTML 5Page - Princeton Technology Corp PT4316-SL Datasheet HTML 6Page - Princeton Technology Corp PT4316-SL Datasheet HTML 7Page - Princeton Technology Corp PT4316-SL Datasheet HTML 8Page - Princeton Technology Corp PT4316-SL Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT4316 V1.6
- 2 -
August, 2007
Low Power 315/433 MHz OOK/ASK Superheterodyne
Receiver with SAW-based Oscillator
PT4316
BLOCK DIAGRAM
LNA
Mixer
RSSI
Data Filter
Data Slicer
IF Low-pass Filter
SAW Oscillator
Buffer
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CE
AGC
CAGC
RFIN
VSSLNA
LNAOUT
LIMIN
DFFB
DSP
VDD
VSS
DSN
DATA
PDOUT
OPP
OSCIN
OSCOUT
Peak Detector
Limiter with RSSI
BIAS


Similar Part No. - PT4316-SL

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT431 SHARP-PT431 Datasheet
153Kb / 4P
   NARROW ACCEPTANCE, HIGH SENSITIVITY PHOTOTRANSISTOR
logo
Texas Instruments
PT4310 TI1-PT4310 Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
PT4311 TI-PT4311 Datasheet
213Kb / 9P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC/DC Converter
PT4311 TI1-PT4311 Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
PT4311A TI-PT4311A Datasheet
213Kb / 9P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC/DC Converter
More results

Similar Description - PT4316-SL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT4318 PTC-PT4318 Datasheet
277Kb / 5P
   Low Power 315/433MHz OOK/ASK Super-heterodyne Receiver with SAW-Based Oscillator
PT4301 PTC-PT4301 Datasheet
261Kb / 4P
   Low Power High Sensitivity 315/434MHz OOK/ASK Superheterodyne Receiver
PT4307 PTC-PT4307 Datasheet
343Kb / 5P
   Compact 315 MHz OOK/ASK Receiver
logo
RF Micro Devices
RF2919 RFMD-RF2919 Datasheet
519Kb / 18P
   433/868/915MHZ ASK/OOK RECEIVER
logo
Princeton Technology Co...
PT4302 PTC-PT4302 Datasheet
259Kb / 5P
   Ultra-Low Power OOK/ASK Receiver
PT4450 PTC-PT4450 Datasheet
211Kb / 11P
   SAW-based ASK/OOK Transmitter IC
logo
Micrel Semiconductor
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
   ASK/OOK Receiver
logo
Princeton Technology Co...
PT4306 PTC-PT4306 Datasheet
347Kb / 5P
   Compact 433.92 MHz OOK/ASK Receiver
PT4308 PTC-PT4308 Datasheet
336Kb / 4P
   Compact 433.92 MHz OOK/ASK Receiver
logo
AUREL S.p.A.
650201131G AUREL-650201131G Datasheet
440Kb / 1P
   433 MHz ASK SAW - FR4 Substrate Trasmettitore 433 MHz ASK SAW su FR4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com