Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL12 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SL12
Description  LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SL12 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SL12 Datasheet HTML 1Page - Pan Jit International Inc. SL12 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
Fig.2-TYPICALINSTANTANEOUSFORWARD
CHARACTERISTIC
INSTANTANEOUS FOR WARD VOLTAGE, VOLTS
Fig.1-FORWARD CURRENTDERATING CURVE
LEAD TEMPERATURE, C
O
50
0.1
NUMBEROFCYCLEAT 60HZ
1000
10
0.1
1.0
10
100
Fig.3-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
1
10
100
30
25
20
15
10
5
0
1.0
.50
0
10
1.0
.1
.2
.3
.4
.5
.6
.7
.8
.9 1.0
100
Fig.4-MAXIMUMNON-REPETITIVEPEAK
FORWARD SURGE CURRENT
SINGLEPHASE HALF WAVE60Hz
RESISTIVEORINDUCTIVE
LOAD
P.C.BMOUNTED
ON0.2X 0.2"( 5.0X 5. 0mm)
COPPER PADAREAS
T= 25 C
PulseWidth= 300 s
1%DutyCycle
J
O
m
T= 25 C
J
O
.25
.75
0
20
40
60
80
100
120
140
PAGE . 2
STAD-JAN.06.2005


Similar Part No. - SL12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SL12 PANJIT-SL12 Datasheet
50Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
Vishay Siliconix
SL12 VISHAY-SL12 Datasheet
340Kb / 4P
   Low VF Surface Mount Schottky Rectifier
Revision: 22-Jan-08
logo
Yea Shin Technology Co....
SL12 YEASHIN-SL12 Datasheet
363Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Transys Electronics
SL12 TRSYS-SL12 Datasheet
156Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
SL12 WEITRON-SL12 Datasheet
207Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SL12

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SL22 TRSYS-SL22 Datasheet
164Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SCD34L ZOWIE-SCD34L Datasheet
48Kb / 2P
   SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SL42 TAYCHIPST-SL42 Datasheet
15Mb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
STR15100YD PANJIT-STR15100YD Datasheet
298Kb / 5P
   Surface Mount Low VF Schottky Barrier Rectifier
May 9,2022
STR40100LCB PANJIT-STR40100LCB Datasheet
326Kb / 5P
   Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
logo
Shenzhen Luguang Electr...
SS810T LUGUANG-SS810T Datasheet
1Mb / 2P
   Surface Mount Low VF Schottky Barrier Rectifier
Revision:20230527-P2
logo
General Semiconductor
SL42 GE-SL42 Datasheet
104Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
B120SL PACELEADER-B120SL Datasheet
254Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
MIC GROUP RECTIFIERS
SSL12 MIC-SSL12 Datasheet
95Kb / 8P
   SURFACE MOUNT Low VF SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SL12 YEASHIN-SL12 Datasheet
363Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
SL12 KOOCHIN-SL12 Datasheet
220Kb / 2P
   SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com