Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3NC-PB2A Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # K3NC-PB2A
Description  Up/Down Counting Meter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3NC-PB2A Datasheet(HTML) 4 Page - Omron Electronics LLC

  K3NC-PB2A Datasheet HTML 1Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 2Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 3Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 4Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 5Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 6Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 7Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 8Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
C-134
Up/Down Counting Meter
K3NC
I Characteristics
I Input/Output Ratings
Relay Contact Output
(Incorporating a G6B Relay)
Transistor Output
Input signal
No-voltage contact (30 Hz max., ON/OFF pulse width: 15 ms min.)
Voltage pulse (50 kHz max., ON/OFF pulse width: 9
µs min., ON voltage: 4.5 to 30 V/OFF voltage: −30 to 2 V)
Open collector (50 kHz max., ON/OFF pulse width: 9
µs min.)
Connectable Sensors
ON residual voltage: 3 V max.
OFF leakage current: 1.5 mA max.
Load current:
Must have switching capacity of 20 mA min.
Must be able to dependably switch a load current of 5 mA max.
Input mode
Up/Down B (individual inputs), Up/Down C (phase difference inputs)
Output mode
ALL-H/ALL-L
Max. displayed digits
5 digits (
−19999 to 99999)
Display
7-segment LED
Polarity display
−” is displayed automatically with a negative input signal.
Zero display
Leading zeros are not displayed.
Prescale function
Programming via front-panel key inputs. (0.0001 x 10−9 to 9.9999 x 109, decimal point can be set freely)
Can be set using prescale value teaching.
External control
RESET:
16 ms max. (external reset signal)
COMPENSATION: 16 ms max. (external compensation signal)
BANK 1, 2:
100 ms max. (bank switching time)
Up to 4 set value or prescale value banks available
Other functions
Variable linear output range (for models with linear outputs only)
Remote/Local processing (available for communications output models only)
Counting value reset with front panel keys
Security
Memory power failure
Output configuration
Relay contact output (5 outputs)
Transistor output (NPN and PNP open collector), BCD (NPN open collector)
Parallel BCD (NPN open collector) + transistor output (NPN open collector)
Linear output (4 to 20 mA, 1 to 5 V) + transistor output (NPN open collector)
Communication functions (RS-232C, RS-485, RS-422)
Communication functions (RS-232C, RS-485, RS-422) + transistor output (NPN open collector)
Delay in comparative
outputs
1 ms max. (at transistor output),
10 ms max. (at relay output)
Linear output response time 20 ms max.
Degree of protection
Front panel: NEMA4 for indoor use (equivalent to IP66)
Rear case: IEC standard IP20
Terminals:
IEC standard IP00
Memory protection
Non-volatile memory (EEPROM) (possible to rewrite 100,000 times)
Item
Resistive load (cos
φ = 1)
Inductive load (cos
φ = 0.4, L/R = 7 ms)
Rated load
5 A at 250 VAC; 5 A at 30 VDC
1.5 A at 250 VAC, 1.5 A at 30 VDC
Rated carry current
5 A max. (at COM terminal)
Max. contact voltage
380 VAC, 125 VDC
Max. contact current
5 A max. (at COM terminal)
Max. switching capacity
1,250 VA, 150 W
375 VA, 80 W
Min. permissible load
(P level, reference value)
10 mA at 5 VDC
Mechanical life
50,000,000 times min. (at a switching frequency of 18,000 times/hr)
Electrical life
(at an ambient temperature of 23
°C)
100,000 times min. (at a rated load switching frequency of 1,800 times/hr)
Rated load voltage
12 to 24 VDC +10%/
-15%
Max. load current
50 mA
Leakage current
100
µA max.


Similar Part No. - K3NC-PB2A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K3NR ETC1-K3NR Datasheet
595Kb / 28P
   High-speed, Intelligent Interface Modules
K3NR-NB1A ETC1-K3NR-NB1A Datasheet
595Kb / 28P
   High-speed, Intelligent Interface Modules
K3NR-NB1C ETC1-K3NR-NB1C Datasheet
595Kb / 28P
   High-speed, Intelligent Interface Modules
K3NR-NB2A ETC1-K3NR-NB2A Datasheet
595Kb / 28P
   High-speed, Intelligent Interface Modules
K3NR-NB2C ETC1-K3NR-NB2C Datasheet
595Kb / 28P
   High-speed, Intelligent Interface Modules
More results

Similar Description - K3NC-PB2A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CT-23 BOURNS-CT-23_07 Datasheet
191Kb / 1P
   Turns-Counting Dial
H-550 BOURNS-H-550 Datasheet
26Kb / 1P
   Turns-Counting Dial
CT-23 BOURNS-CT-23 Datasheet
187Kb / 1P
   Turns-Counting Dial
H-490 BOURNS-H-490 Datasheet
323Kb / 1P
   Turns-Counting Dial
logo
WAGO Kontakttechnik Gmb...
753-404 WAGO-753-404 Datasheet
577Kb / 12P
   Up/Down Counter
logo
Texas Instruments
SN54190 TI-SN54190 Datasheet
512Kb / 14P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
logo
NXP Semiconductors
74F193 PHILIPS-74F193 Datasheet
104Kb / 12P
   Up/down binary counter with separate up/down clocks
1995 Jul 17
logo
Texas Instruments
CD54HC190 TI1-CD54HC190_15 Datasheet
1Mb / 31P
[Old version datasheet]   SYNCHORONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
SN54190 TI1-SN54190_13 Datasheet
1Mb / 16P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
logo
Microsemi Corporation
TSC373 MICROSEMI-TSC373 Datasheet
1Mb / 4P
   Up-Down Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com