Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3NC-NB2C Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # K3NC-NB2C
Description  Up/Down Counting Meter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3NC-NB2C Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button K3NC-NB2C Datasheet HTML 2Page - Omron Electronics LLC K3NC-NB2C Datasheet HTML 3Page - Omron Electronics LLC K3NC-NB2C Datasheet HTML 4Page - Omron Electronics LLC K3NC-NB2C Datasheet HTML 5Page - Omron Electronics LLC K3NC-NB2C Datasheet HTML 6Page - Omron Electronics LLC K3NC-NB2C Datasheet HTML 7Page - Omron Electronics LLC K3NC-NB2C Datasheet HTML 8Page - Omron Electronics LLC K3NC-NB2C Datasheet HTML 9Page - Omron Electronics LLC K3NC-NB2C Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
C-136
Up/Down Counting Meter
K3NC
Connections
I Terminal Arrangement
Input Unit
18 19 20 21 22 23 24 25 26
10
11
12
13 14
15
16
17
1
2
3
4
5
6
7
8
9
Terminal Numbers
Output unit
Input unit
Output
unit
Input
unit
Note: Terminals 7 to 13 are connected internally.
Terminals 7 and 11 are mutually isolated.
+12 V
+12 V
590
590
820
820
+12 V
10
1
2
11
GND
GND
+12 V
590
820
3
GND
10 k
+12 V
590
820
4
11
GND
10 k
+12 V
+12 V
590
820
10
1
2
11
GND
GND
GND
590
820
External
sensor
power
supply (+)
Input A
Input B
External
sensor
power
supply (
−)
Voltage Pulse Inputs
Input A
Input B
PNP-input Models
External
sensor
power
supply (+)
Input A
Input B
External
sensor
power
supply (
−)
NPN Inputs
10
11
12
3
4
+12 V
INA
INB
0 V
10
11
12
3
4
INA
INB
GND
10
11
12
3
4
+12V
INA
INB
0 V
+12V
INA
INB
0 V
10
11
12
3
4
Contact
NPN output sensor
PNP output sensor
Contact Output
Voltage Output
PNP Open Collector Output
NPN Open Collector Output
(NPN Linear 2-wire Output)
Note: Connect the + side of the NPN
linear 2-wire input to terminal 1
and the
− side to terminal 11.
Note: With voltage pulse input
not from a 3-wire sensor,
connect the + side to ter-
minal 3 and the
− side to
terminal 11.
Note: When the contact is short-
circuited, a current of approxi-
mately 13 mA will flow at a volt-
age of approximately 12 V.
Input resistance: 10 k
Voltage pulse output sensor


Similar Part No. - K3NC-NB2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K3NR ETC1-K3NR Datasheet
595Kb / 28P
   High-speed, Intelligent Interface Modules
K3NR-NB1A ETC1-K3NR-NB1A Datasheet
595Kb / 28P
   High-speed, Intelligent Interface Modules
K3NR-NB1C ETC1-K3NR-NB1C Datasheet
595Kb / 28P
   High-speed, Intelligent Interface Modules
K3NR-NB2A ETC1-K3NR-NB2A Datasheet
595Kb / 28P
   High-speed, Intelligent Interface Modules
K3NR-NB2C ETC1-K3NR-NB2C Datasheet
595Kb / 28P
   High-speed, Intelligent Interface Modules
More results

Similar Description - K3NC-NB2C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CT-23 BOURNS-CT-23_07 Datasheet
191Kb / 1P
   Turns-Counting Dial
H-550 BOURNS-H-550 Datasheet
26Kb / 1P
   Turns-Counting Dial
CT-23 BOURNS-CT-23 Datasheet
187Kb / 1P
   Turns-Counting Dial
H-490 BOURNS-H-490 Datasheet
323Kb / 1P
   Turns-Counting Dial
logo
WAGO Kontakttechnik Gmb...
753-404 WAGO-753-404 Datasheet
577Kb / 12P
   Up/Down Counter
logo
Texas Instruments
SN54190 TI-SN54190 Datasheet
512Kb / 14P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
logo
NXP Semiconductors
74F193 PHILIPS-74F193 Datasheet
104Kb / 12P
   Up/down binary counter with separate up/down clocks
1995 Jul 17
logo
Texas Instruments
CD54HC190 TI1-CD54HC190_15 Datasheet
1Mb / 31P
[Old version datasheet]   SYNCHORONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
SN54190 TI1-SN54190_13 Datasheet
1Mb / 16P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
logo
Microsemi Corporation
TSC373 MICROSEMI-TSC373 Datasheet
1Mb / 4P
   Up-Down Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com