Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS2040FL Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SS2040FL
Description  2A/40V ULTRA-LOW VF SURFACE MOUNT SCHOTTKY DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS2040FL Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SS2040FL Datasheet HTML 1Page - Pan Jit International Inc. SS2040FL Datasheet HTML 2Page - Pan Jit International Inc. SS2040FL Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10
100
1000
010
20
30
Re ve r s e V o ltag e V
R (V )
f=1MHz
0.001
0.01
0.1
1
10
100
1000
10000
010
20
30
40
Re ve r s e V oltage , V
R (V )
T
J = -25°C
T
J = 25°C
T
J = 75°C
T
J = 125°C
0.01
0.1
1
10
100
1000
10000
00.2
0.4
0.6
Forw ard Voltage, V
F (V )
T
J = 125°C
T
J = 25°C
T
J = 75°C
T
J = 125°C
www.panjit.com
8/31/2005
Page 2
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
Units
Breakdown Voltage (Note 1)
Tj = 25°C Unless otherwise noted
Conditions
Typ
Max
VBR
BR
I
=
Forward Voltage (Note 1)
V F
I
=
I
=
F
F
Reverse Leakage Current (Note 1)
I R
R
V =
Total Capacitance
C T
10Vdc Bias, f =1 MHz
0.5mA
1.0A
2.0A
20V
40
-
-
V
-
0.4
0.45
-
0.45
0.50
V
0.003
0.15
-
-pF
-70
Note 1. Short duration pulse to avoid self-heating effect.
SS2040FL
I
=
F
3.0A
-
0.5
0.65
R
V = 20V
-18
-
R
V = 40V
0.01
0.5
mA
-
-25
-
T =
J 85°C
R
V =
T =
J 85°C
40V
Fig. 2. Typical Reverse Characteristics
Fig.1. Typical Forward Characteristics
TYPICAL CHARACTERISTIC CURVES
Fig. 3. Typical Capacitance


Similar Part No. - SS2040FL

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SS2040FL DIOTECH-SS2040FL Datasheet
691Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS2040FL PANJIT-SS2040FL Datasheet
110Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SS2040FL TAYCHIPST-SS2040FL Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
SS2040FL YENYO-SS2040FL Datasheet
237Kb / 2P
   2.0A Schottky Barrier Rectifier
logo
SAMYANG ELECTRONICS CO....
SS2040FL SAMYANG-SS2040FL Datasheet
976Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS2040FL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SK240LHT SECOS-SK240LHT Datasheet
334Kb / 2P
   40V, 2A Surface Mount Schottky Barrier Rectifiers
logo
Central Semiconductor C...
CFSH01-30L CENTRAL-CFSH01-30L Datasheet
358Kb / 2P
   SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
CMLSH05-4 CENTRAL-CMLSH05-4_10 Datasheet
511Kb / 2P
   SURFACE MOUNT LOW VF SILICON SCHOTTKY DIODE
CTLSH01-30L CENTRAL-CTLSH01-30L Datasheet
502Kb / 2P
   SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
CMGSH1-3 CENTRAL-CMGSH1-3 Datasheet
423Kb / 2P
   Surface Mount Low VF SILICON SCHOTTKY DIODE
CTLSH05-40M621 CENTRAL-CTLSH05-40M621 Datasheet
158Kb / 2P
   SURFACE MOUNT LOW VF SILICON SCHOTTKY DIODE
CFSH01-30L CENTRAL-CFSH01-30L_V01 Datasheet
833Kb / 4P
   SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
5-January 2015
CTLSH05-4M521 CENTRAL-CTLSH05-4M521 Datasheet
164Kb / 2P
   SURFACE MOUNT LOW VF SILICON SCHOTTKY DIODE
CMDSH05-4 CENTRAL-CMDSH05-4_10 Datasheet
366Kb / 2P
   SURFACE MOUNT LOW VF SILICON SCHOTTKY DIODE
CTLSH01-30L CENTRAL-CTLSH01-30L_15 Datasheet
835Kb / 4P
   SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com