Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-ALH369 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC-ALH369
Description  GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-ALH369 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC-ALH369 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-ALH369 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-ALH369 Datasheet HTML 3Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0 - 32
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC-ALH369
v00.1007
GaAs HEMT MMIC LOW NOISE
AMPLIFIER, 24 - 40 GHz
Outline Drawing
Absolute Maximum Ratings
Drain Bias Voltage
+5.5 Vdc
RF Input Power (24 - 32 GHz)
5 dBm
RF Input Power (32 - 40 GHz)
-1 dBm
Channel Temperature
180 °C
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM].
2. TYPICAL BOND PAD IS .004” SQUARE.
3. BACKSIDE METALLIZATION: GOLD.
4. BACKSIDE METAL IS GROUND.
5. BOND PAD METALLIZATION: GOLD.
6. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS.
7. OVERALL DIE SIZE ±.002”


Similar Part No. - HMC-ALH369

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC-ALH369 AD-HMC-ALH369 Datasheet
565Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
More results

Similar Description - HMC-ALH369

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH140 HITTITE-HMC-ALH140_09 Datasheet
184Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
HMC-ALH244 HITTITE-HMC-ALH244_09 Datasheet
192Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
HMC-ALH140 HITTITE-HMC-ALH140_07 Datasheet
178Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
HMC-ALH244 HITTITE-HMC-ALH244 Datasheet
186Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
HMC-ALH140 HITTITE-HMC-ALH140 Datasheet
124Kb / 3P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
HMC-ALH445 HITTITE-HMC-ALH445 Datasheet
244Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 18 - 40 GHz
HMC-ALH445 HITTITE-HMC-ALH445_10 Datasheet
250Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 18 - 40 GHz
HMC-ALH364 HITTITE-HMC-ALH364_09 Datasheet
180Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 32 GHz
HMC-ALH364 HITTITE-HMC-ALH364 Datasheet
180Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 32 GHz
HMC752LC4 HITTITE-HMC752LC4 Datasheet
254Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 28 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com