Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF5407G Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # UF5407G
Description  GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RCTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF5407G Datasheet(HTML) 1 Page - Pan Jit International Inc.

  UF5407G Datasheet HTML 1Page - Pan Jit International Inc. UF5407G Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-SEP.01.2004
DATA SHEET
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
• Exceeds environmental standards of MIL-S-19500/228.
• Ultra Fast switching for high efficiency.
• Both normal and Pb free product are available :
Normal : 80~95% Sn, 5~20% Pb
Pb free: 98.5% Sn above
MECHANICALDATA
Case: Molded plastic, DO-201AD
Terminals: Axial leads, solderable per MIL-STD-202,Method 208
Polarity: Band denotes cathode
Mounting Position: Any
Weight: 0.04 ounce, 1.1 gram
UF5401G~UF5407G
GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RCTIFIER
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Thermal Resistance from Junction to Ambient and from Junction to lead length 0.375”(9.5mm) P.C.B. mounted.
3. Test Condition: Ta = Tj Per pulse test pulse width 300uS duty
≤ 2%
DO-201AD
Unit: inch(mm)
.052(1.3)
.210(5.3)
.048(1.2)
.188(4.8)
MAXIMUMRATINGSANDELECTRICALCHARACTERISTICSFEATURES
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
VOLTAGE
100 to 800 Volts
3.0 Amperes
CURRENT
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SG
1
0
4
5
F
UG
2
0
4
5
F
UG
3
0
4
5
F
UG
4
0
4
5
F
UG
5
0
4
5
F
UG
6
0
4
5
F
UG
7
0
4
5
F
US
T
I
N
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
MV RRM
0
0
10
0
20
0
30
0
40
0
50
0
60
0
8V
e
g
a
tl
o
V
S
M
R
m
u
m
i
x
a
MV RMS
0
70
4
10
1
20
8
20
5
30
2
40
6
5V
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
MV DC
0
0
10
0
20
0
30
0
40
0
50
0
60
0
8V
)
m
m
5
.
9
(
"
5
7
3
.
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
T
t
a
h
t
g
n
e
l
d
a
e
l
A
5
5
=
O C
IAV
0
.
3A
-
e
n
i
s
fl
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
IFSM
0
5
1A
A
0
.
3
t
a
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V F
0
.
13
.
15
.
1
7
.
1
V
T
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
J
5
2
=
O C
T
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
J
0
0
1
=
O C
IR
0
.
0
1
0
0
3
A
u
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
c
n
o
it
c
n
u
J
l
a
c
i
p
y
T
C J
5
7F
p
)
2
e
t
o
N
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
TR
θ A
J0
6
O
W
/
C
)
3
e
t
o
N
(
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
MTRR
0
55
7s
n
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
it
c
n
u
J
g
n
it
a
r
e
p
OTJ T
, STG
0
5
1
+
O
T
5
5
-
O C


Similar Part No. - UF5407G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
UF5407G JGD-UF5407G Datasheet
165Kb / 2P
   3.0 AMP. GLASS PASSIVATED ULTRA FAST RECTIFIERS
logo
DIYI Electronic Technol...
UF5407G DYELEC-UF5407G Datasheet
585Kb / 2P
   3.0 AMP. Ultra Fast Rectifiers G lass
logo
Won-Top Electronics
UF5407G WTE-UF5407G Datasheet
58Kb / 4P
   3.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Jiangsu High diode Semi...
UF5407G HDSEMI-UF5407G Datasheet
1Mb / 4P
   DO-27 Plastic-Encapsulate Diodes
logo
Galaxy Semi-Conductor H...
UF5407G BILIN-UF5407G Datasheet
81Kb / 2P
   GLASS PASSIVATED RECTIFIERS
More results

Similar Description - UF5407G

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
UF200G TRSYS-UF200G Datasheet
155Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER
logo
Pan Jit International I...
UF408G PANJIT-UF408G Datasheet
83Kb / 4P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIERS
UF300G PANJIT-UF300G_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIERS
logo
Transys Electronics
UF100G TRSYS-UF100G Datasheet
161Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER
logo
Pan Jit International I...
UF600G PANJIT-UF600G_04 Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIERS
UF300G PANJIT-UF300G_09 Datasheet
47Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIERS
logo
Transys Electronics
UF300G TRSYS-UF300G Datasheet
157Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER
logo
Pan Jit International I...
UF4001G PANJIT-UF4001G Datasheet
43Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIERS
logo
SUNMATE electronic Co.,...
DB151S SUNMATE-DB151S Datasheet
269Kb / 2P
   GLASS PASSIVATED BRIDGE RCTIFIER
DB101S SUNMATE-DB101S Datasheet
595Kb / 2P
   GLASS PASSIVATED BRIDGE RCTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com