Electronic Components Datasheet Search
Selected language     English  ā–¼


W005M Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part No. W005M
Description  1.0 AMPERES MINIATURE SINGLE-PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANJIT [Pan Jit International Inc.]
Homepage  http://www.panjit.com.tw
Logo 

   
 2 page
background image
PAGE . 2
STAD-NOV.06.2003
Fig.1 DERATING CURVE OUTPUT RECTIFIED CURRENT
Fig.3 TYPICAL FORWARD CHARACTERISTIC
Fig.5 TYPICAL JUNCTION CAPACITANCE
PER BRIDGE ELEMENT
Fig.4 TYPICAL REVERSE CHARACTERISTICS
Fig.2MAXIMUM NON-REPETITIVE PEAK FORWARD CURRENT
AMBIENT TEMPERATURE, C
O
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
40
60
80
100
120
140
Resistive of
Inductive Load
Capactivie Load 50
Corduction Angle
O
2
0
10
20
30
40
60
80
4
6
10
204060
100
T=25 C
8.3ms SINGLE HALF SINE WAVE
JEDED METHOD
J
O
0.4
0.01
0.1
1.0
10
20
0.6
0.8
1.0
1.2
1.4
T=25 C
Pulse Width =300us
1% Duty Cycle
J
O
1
0.01
0.1
1.0
10
20
40
60
80
100
120
160
T=25 C
A
O
T =100 C
A
O
.1
1
2
4
6
10
20
40
60
100
.2
.4
12
4
10
20
40
100




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PL05SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING 1 2 Electronic devices inc.
AM100-GSilicon Miniature Single-Phase Bridge 1 2 Comchip Technology
10PHSINGLE-PHASE FULL WAVE BRIDGE 10 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING 1 2 Electronic devices inc.
MP6005TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts 1 2 Dc Components
KBL400IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER 1 2 Pan Jit International Inc.
HBL2ATECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components
MP8005TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts 1 2 Dc Components
HBL4ATECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components
MP10005TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts 1 2 Dc Components
TBL005TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts 1 2 Dc Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl