Selected language     English  ▼


W01M Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part No. W01M
Description  1.0 AMPERES MINIATURE SINGLE-PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANJIT [Pan Jit International Inc.]
Homepage  http://www.panjit.com.tw
Logo 

   
 1 page
background image
PAGE . 1
STAD-NOV.06.2003
FEATURES
• Plastic material used carries Underwriters Laboratory recognition.
• High surge dielectric strength.
• Typical IR LESS Than 1uA.
• Exceeds environmental standards of MIL-STD-19500
• Ideal for printed circuit board.
• High temperature soldering guaranteed: 265OC/10 seconds/ .375”
(9.5 mm) lead length/5 Ibs. (2.3kg) tension
• Pb free product are available : 99% Sn can meet RoHS environment
substance directive request
W005M~W10M
1.0 AMPERES MINIATURE SINGLE-PHASE SILICON BRIDGE
MECHANICALDATA
Case: Reliable low cost construction utilizing molded plastic technique
Terminals: Leads solderable per MIL-STE-750, Method 2026
Mounting Position: Any
Weight: 0.04 ounces, 1.1 grams.
DATA SHEET
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Rating at 25°C ambient temperature unless otherwise specified. Resistive or inductive load, Single phase, half wave, 60Hz.
For Capacitive load derate current by 20%.
NOTES:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
AM
Unit: inch (mm)
.370(9.4)
.339(8.6)
.031(0.8)
.028(0.7)
.220(5.6)
.181(4.6)
Bottom View
VOLTAGE
50 to 1000 Volts
1.0 Amperes
CURRENT
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SM
5
0
0
WM
1
0
WM
2
0
WM
4
0
WM
6
0
WM
8
0
WM
0
1
WS
T
I
N
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
MVRRM
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
e
g
a
tl
o
V
t
u
p
n
I
e
g
d
i
r
B
S
M
R
m
u
m
i
x
a
MVRMS
5
30
70
4
10
8
20
2
40
6
50
0
7V
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
MVDC
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
"
5
7
3
.
t
n
e
r
r
u
C
t
u
p
t
u
O
d
e
if
it
c
e
R
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
T
t
a
h
t
g
n
e
L
d
a
e
L
)
m
m
5
.
9
(
A
5
2
=
OC
IAV
0
.
1A
e
v
a
w
-
e
n
i
s
fl
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
IFSM
0
.
0
5A
I2
)
s
m
5
3
.
8
<
t
(
g
n
i
s
u
f
r
o
f
g
n
it
a
R
tI 2t0
.
5A2s
A
0
.
1
t
a
t
n
e
m
e
l
E
r
e
p
p
o
r
D
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
MVF
0
.
1V
T
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
A
5
2
=
O C
T
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
A
0
0
1
=
O C
I R
0
.
0
1
0
0
0
1
µA
)
1
e
t
o
N
(
t
n
e
m
e
l
e
e
g
d
i
r
b
r
e
p
e
c
n
a
t
i
c
a
p
a
c
n
o
it
c
n
u
J
l
a
c
i
p
y
TCJ
4
2F
p
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
OTJ
5
2
1
+
o
t
5
5
-
O C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
STSTG
0
5
1
+
o
t
5
5
-
O C




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PL05SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING 1 2 Electronic devices inc.
AM100-GSilicon Miniature Single-Phase Bridge 1 2 Comchip Technology
10PHSINGLE-PHASE FULL WAVE BRIDGE 10 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING 1 2 Electronic devices inc.
MP6005TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts 1 2 Dc Components
KBL400IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER 1 2 Pan Jit International Inc.
HBL2ATECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components
MP8005TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts 1 2 Dc Components
HBL4ATECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components
MP10005TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts 1 2 Dc Components
TBL005TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts 1 2 Dc Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl