Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N756 Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # 1N756
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

1N756 Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  1N756 Datasheet HTML 1Page - TRANSYS Electronics Limited 1N756 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DO-35, 52mm Taping Specification
DO-35 Glass Axial Package
On request also available in 26 mm Tape and Ammo Pack
DO-35 T&A
5K/ammo box
0.88 kg/5K pcs
10" x 3.5" x 3.5"
5.0K
12.7" x 12.7" x 20"
125.0K
25 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
NOTES
1. Cathode is marked by Band.
2. All dim ensions are in m m .
AB
A
DIM
MIN
MAX
A
25.40
B
3.03
4.44
C
0.46
0.56
D
1.52
2.29
1.5 R M AX.
5.50
4.50
52.0
48.0
11 D IO D E S
A ll dim ensions in m m .
LABEL
255
.0 m
m
TAPES
LEADER
6.0 ±1.0
± 1.0
± 2.0
52.0
6.0
FE
ED
52 mm Taping Specification
T & A indicates Axial Tape & Ammo packing (52 mm
Tape Spacing).
300 m m (m in) leader tape on every spool.
No. of em pty places allow ed 0.25% w ithout
consecutive em pty places.
Ends of leads shall preferably not protrude beyond
the tapes.
5.
tapes so that they can not com e free in norm al
handling.
DO -35:- 5000 pcs./A m m o P ack
DIO DE AM M O PACK
73.5
mm
Com ponents shall be held sufficiently in the tape or
4.
3.
2.
1.


Similar Part No. - 1N756

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N756 JGD-1N756 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Digitron Semiconductors
1N756 DIGITRON-1N756 Datasheet
523Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Shanghai Lunsure Electr...
1N756 CHENYI-1N756 Datasheet
33Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
List of Unclassifed Man...
1N756 ETC1-1N756 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
logo
GOOD-ARK Electronics
1N756 GOOD-ARK-1N756 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - 1N756

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com