Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T68S1MSC-8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # T68S1MSC-8
Description  Low Power 1M (128Kx8)-Bits Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T68S1MSC-8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  T68S1MSC-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers T68S1MSC-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers T68S1MSC-8 Datasheet HTML 3Page - List of Unclassifed Manufacturers T68S1MSC-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers T68S1MSC-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers T68S1MSC-8 Datasheet HTML 6Page - List of Unclassifed Manufacturers T68S1MSC-8 Datasheet HTML 7Page - List of Unclassifed Manufacturers T68S1MSC-8 Datasheet HTML 8Page - List of Unclassifed Manufacturers T68S1MSC-8 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2003-REV 090
TIWIN Semiconductor
• www.tiwin.com.tw • Tel :(886)-3 -5636031 • Fax:(886)-3-5644823 15
Low Power 1M (128Kx8)-Bits Static RAM
The T68K1M, T68S1M, and T68R1M device family is a low power and high performance
CMOS SRAM organized as 131,072 words by 8 bits. It operates from 2.7V to 3.6V, 2.2V to
2.7V, and 1.65V to 2.2V. Easy memory expansion is provided by an active LOW chip enable 1
(/CE1), active HIGH chp enable 2 (CE2) and active LOW output enable (/OE) and three-state
I/O drivers. Four control pins (/CE1, CE2, /OE, and /WE) fully control the operation mode of the
T68 K/S/R 1M device family. An active LOW write enable signal (/WE active low) controls the
write/read operation of the memory. When /CE1 and /WE inputs go LOW and CE2 input goes
HIGH simultaneously, the device is in write mode and data on the 8 data pins (IO1~IO8) is
written into the memory location specified by the address on address pins (A0~A16). When
/CE1 and /OE inputs go LOW and CE2 and /WE input stay in HIGH state, the device is in read
mode and data in the specified memory address is driven onto the 8 data pins. The 8 data pins
will be in high -impedance state if both /OE and /WE pins are in HIGH (inactive) state. The T68
K/S/R 1M device family has an automatically power-down feature when the chip is deselected
(/CE1 pin HIGH or CE2 pin LOW). The T68 K/S/R 1M device family is available in JEDEC
standard 32-pin 450-mil SOP, 32-pin 8mmx20mm plastic TSOP, 32-pin 8mmx13.4mm plastic
STSOP, and 36-ball 6mmx8mm BGA package, also for DICE.
¢ DESCRIPTION
Operation voltage…………… … T68K1M…………………………… ................. 2.7V ~ 3.6V
T68S1M…………………………… ………… .. 2.2V ~ 2.7V
T68R1M………………………… .................. 1.65V ~ 2.2V
— Low active power and standby power
— High access times: 70ns/85ns/100ns
TTL-compatible inputs and outputs
— Easy memory expansion with /CE1, CE2 and /OE
Low data retention voltage…………… …………… ..2.0V (for K), 1.5V (for S), 1.0V (for R)
Auto power down when deselected
¢ FEATURES
T68 K/S/R 1M Family


Similar Part No. - T68S1MSC-8

ManufacturerPart #DatasheetDescription
logo
T-Global Technology
T68 TGLOBAL-T68 Datasheet
336Kb / 1P
   T68 Artificial Graphite Sheet
logo
ATMEL Corporation
T6801 ATMEL-T6801 Datasheet
190Kb / 6P
   Single-channel Driver IC with Driver IC with Monitoring
T6801 ATMEL-T6801 Datasheet
228Kb / 6P
   Single-channel Driver IC with Thermal Monitoring
T6801-TAQ ATMEL-T6801-TAQ Datasheet
190Kb / 6P
   Single-channel Driver IC with Driver IC with Monitoring
T6801-TAQY ATMEL-T6801-TAQY Datasheet
228Kb / 6P
   Single-channel Driver IC with Thermal Monitoring
More results

Similar Description - T68S1MSC-8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-TF70T00 SAMSUNG-K6T1008C2E-TF70T00 Datasheet
193Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D SAMSUNG-K6X1008C2D Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
logo
ELAN Microelectronics C...
EM39LV010 EMC-EM39LV010 Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
logo
Samsung semiconductor
KM681000E SAMSUNG-KM681000E Datasheet
123Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
logo
List of Unclassifed Man...
EM128L08 ETC1-EM128L08 Datasheet
42Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
EM128C08 ETC1-EM128C08 Datasheet
61Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Samsung semiconductor
K6F1008V2C SAMSUNG-K6F1008V2C Datasheet
126Kb / 9P
   128Kx8 bit Super Low Power and Low Voltage CMOS Static RAM
logo
Epson Company
SRM20V100 EPSON-SRM20V100 Datasheet
130Kb / 8P
   1M-Bit Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com