Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG6901ASZ Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # SG6901ASZ
Description  PFC / Flyback PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6901ASZ Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button SG6901ASZ Datasheet HTML 4Page - Fairchild Semiconductor SG6901ASZ Datasheet HTML 5Page - Fairchild Semiconductor SG6901ASZ Datasheet HTML 6Page - Fairchild Semiconductor SG6901ASZ Datasheet HTML 7Page - Fairchild Semiconductor SG6901ASZ Datasheet HTML 8Page - Fairchild Semiconductor SG6901ASZ Datasheet HTML 9Page - Fairchild Semiconductor SG6901ASZ Datasheet HTML 10Page - Fairchild Semiconductor SG6901ASZ Datasheet HTML 11Page - Fairchild Semiconductor SG6901ASZ Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Product Specification
PFC / Flyback PWM Controller
SG6901A
© System General Corp.
- 8 -
www.sg.com.tw • www.fairchildsemi.com
Version 1.0.1 (IAO33.0062.B0)
September 26, 2007
PWM-Current Sense
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPD-PWM
Propagation Delay to Output
VDD=15V,OPWM<=9V
60
120
ns
VLIMIT-1
Peak Current Limit Threshold Voltage1
RANGE=Open
0.65
0.70
0.75
V
VLIMIT-2
Peak Current Limit Threshold Voltage2
RANGE=Ground
0.60
0.65
0.70
V
tLEB-PWM
Leading-Edge Blanking Time
270
350
450
ns
VSLOPE
Slope Compensation
VS=△VSLOPE x (Ton/T)
VS: Compensation Voltage
Added to Current Sense
0.45
0.50
0.55
V
PWM Output Driver
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VZ-PWM
Output Voltage Maximum (Clamp)
VDD=20V
16
18
V
VOL-PWM
Output Voltage Low
VDD=15V; IO=100mA
1.5
V
VOH-PWM
Output Voltage High
VDD=13V; IO=100mA
8
V
tR-PWM
Rising Time
VDD=15V; CL=5nF; O/P=2V to
9V
30
60
120
ns
tF-PWM
Falling Time
VDD=15V; CL=5nF; O/P=9V to
2V
30
50
110
ns
DCYMAXPWM
Maximum Duty Cycle
73
78
83
%
OTP Section
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IOTP
OTP Pin Output Current
RI=24KΩ
90
100
110
µA
VOTP-ON
Recovery Level on OTP
1.35
1.40
1.45
V
VOTP-OFF
OTP Threshold Voltage
1.15
1.20
1.25
V
tOTP
OTP Debounce Time
8
25
µs
Soft-Start Section
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISS
Constant Current Output for Soft-Start
RT=24KΩ
44
50
56
µA
RD
Discharge RDSON
470


Similar Part No. - SG6901ASZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6901ASZ FAIRCHILD-SG6901ASZ Datasheet
721Kb / 19P
   CCM PFC/Flyback PWM Combination Controller
More results

Similar Description - SG6901ASZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6901 FAIRCHILD-SG6901 Datasheet
721Kb / 19P
   CCM PFC/Flyback PWM Combination Controller
SG6902 FAIRCHILD-SG6902 Datasheet
856Kb / 22P
   Green-Mode PFC / Flyback-PWM Controller
SG6905 FAIRCHILD-SG6905 Datasheet
689Kb / 21P
   Green mode PFC/Flyback-PWM Controller
logo
NXP Semiconductors
SSL8516BT PHILIPS-SSL8516BT Datasheet
329Kb / 35P
   Greenchip PFC and flyback controller
Rev. 1-26 May 2015
SSL8516T NXP-SSL8516T Datasheet
306Kb / 33P
   Greenchip PFC and flyback controller
Rev. 1-5 May 2014
logo
Richtek Technology Corp...
RT7736 RICHTEK-RT7736 Datasheet
684Kb / 23P
   SmartJitterTM PWM Flyback Controller
June 2019
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
logo
Renesas Technology Corp
HA16141P RENESAS-HA16141P_05 Datasheet
363Kb / 18P
   PFC and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com