Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3330AIDCKTG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # REF3330AIDCKTG4
Description  3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3330AIDCKTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button REF3330AIDCKTG4 Datasheet HTML 5Page - Texas Instruments REF3330AIDCKTG4 Datasheet HTML 6Page - Texas Instruments REF3330AIDCKTG4 Datasheet HTML 7Page - Texas Instruments REF3330AIDCKTG4 Datasheet HTML 8Page - Texas Instruments REF3330AIDCKTG4 Datasheet HTML 9Page - Texas Instruments REF3330AIDCKTG4 Datasheet HTML 10Page - Texas Instruments REF3330AIDCKTG4 Datasheet HTML 11Page - Texas Instruments REF3330AIDCKTG4 Datasheet HTML 12Page - Texas Instruments REF3330AIDCKTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.ti.com
POWER DISSIPATION
APPLICATION CIRCUITS
T =T +P ´ q
J
A
D
JA
(2)
NOISE PERFORMANCE
R
3
R
2
V
IN
+2.7V
Enable
(1)
OPA333,
OPA363,
OPA369
or
R
66.5
1
W
C
1.5nF
1
C
1 F
2
m
P1.2
VREF
A0+
REF3312
+2.7V
V
CC
V
SS
16-Bit
ADC
MSP430x20x3PW
REF3312,, REF3318
REF3320, REF3325
REF3330, REF3333
SBOS392A – AUGUST 2007 – REVISED SEPTEMBER 2007
The REF33xx family is specified to deliver current
Figure 20 shows a simple application circuit where
loads of ±5mA over the specified input voltage range.
low-power components are used to create a signal
The temperature of the device increases according to
chain. The analog input signal is buffered with either
Equation 2:
a zero-drift OPA333 or zero-crossover OPA363. The
reference voltage created from REF3312 provides a
stable, high-accuracy, low-drift reference voltage to
the MSP430 using much less power than the
Where:
MSP430 internal reference. The reference voltage is
TJ = Junction temperature (°C)
used by the internal, 16-bit analog-to-digital converter
TA = Ambient temperature (°C)
(ADC) to accurately convert the analog input signal.
PD = Power dissipation (W)
The configuration in Figure 20 presents an example
Where PD = VIN × IQ + (VIN – VOUT) IOUT
of a unipolar signal chain.
θJA = Junction-to-ambient thermal resistance
An example of a bipolar configuration is illustrated in
(
°C/W)
Figure 21. The analog input signal (±2.5V) is offset
and attenuated so that it matches the analog input of
The REF33xx junction temperature must not exceed
the 16-bit ADC on the MSP430. The negative input of
the absolute maximum rating of +150
°C.
the ADC is offset by 0.62V, creating a digital code
that corresponds to the analog input voltage. In this
configuration, two reference voltages are used. The
Typical 0.1Hz to 10Hz voltage noise for each member
REF3312 creates a 1.25V reference input to the ADC
of the REF33xx family is specified in the Electrical
and is an offset point for the INA159. The same
Characteristics table. The noise voltage increases
voltage is used to create the offset voltage to the
with
output
voltage
and
operating
temperature.
negative input to the ADC. The REF3330 creates a
Additional filtering can be used to improve output
precise analog supply voltage of 3V. In this way, the
noise levels. Special attention should be taken to
high PSRR of the REF3330 helps to filter unwanted
ensure that the output impedance does not degrade
noise from the 3.3V digital supply.
output voltage accuracy.
(1)
Enable is a function of the OPA363 not available on the OPA333.
Figure 20. Unipolar Signal Chain Configuration
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): REF3312 REF3318 REF3320 REF3325 REF3330 REF3333


Similar Part No. - REF3330AIDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3330AIDCKTG4 TI1-REF3330AIDCKTG4 Datasheet
1Mb / 32P
[Old version datasheet]   Drift Voltage Reference
REF3330AIDCKTG4 TI1-REF3330AIDCKTG4 Datasheet
1Mb / 35P
[Old version datasheet]   SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
REF3330AIDCKTG4 TI1-REF3330AIDCKTG4 Datasheet
1Mb / 37P
[Old version datasheet]   3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
More results

Similar Description - REF3330AIDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3312 TI-REF3312_15 Datasheet
1Mb / 32P
[Old version datasheet]   REF33xx 3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/째C Drift Voltage Reference
REF3312 TI1-REF3312_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
REF3312 TI1-REF3312_16 Datasheet
1Mb / 35P
[Old version datasheet]   SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
REF2912 TI-REF2912_15 Datasheet
618Kb / 17P
[Old version datasheet]   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912_07 Datasheet
409Kb / 16P
   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF2912 TI-REF2912_08 Datasheet
581Kb / 15P
[Old version datasheet]   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
REF3012 TI-REF3012_15 Datasheet
622Kb / 17P
[Old version datasheet]   50ppm/째C Max, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
REF3312 TI1-REF3312 Datasheet
1Mb / 32P
[Old version datasheet]   Drift Voltage Reference
REF3325-DIE TI1-REF3325-DIE Datasheet
59Kb / 4P
[Old version datasheet]   DRIFT VOLTAGE REFERENCE
REF3033-Q1 TI1-REF3033-Q1 Datasheet
737Kb / 17P
[Old version datasheet]   50 ppm/째C MAX, 50 關A, CMOS VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com