Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA6507 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TCA6507
Description  LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6507 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TCA6507 Datasheet HTML 7Page - Texas Instruments TCA6507 Datasheet HTML 8Page - Texas Instruments TCA6507 Datasheet HTML 9Page - Texas Instruments TCA6507 Datasheet HTML 10Page - Texas Instruments TCA6507 Datasheet HTML 11Page - Texas Instruments TCA6507 Datasheet HTML 12Page - Texas Instruments TCA6507 Datasheet HTML 13Page - Texas Instruments TCA6507 Datasheet HTML 14Page - Texas Instruments TCA6507 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
www.ti.com
A1
B1
C1
D
A2
B2
C2
E
F or ALD
Intensity
I/O port
Voltage
V
OH
V
OL
100%
0%
8 ms
Approximately 25%
Approximately 75%
2 ms
8 ms
6 ms
Approximately
12.5%
Approximately 37.5%
1 ms
4 ms
8 ms
8 ms
8 ms
3 ms
Intensity
I/O port
Voltage
V
OH
V
OL
50%
0%
TCA6507
LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER
WITH INTENSITY CONTROL AND SHUTDOWN
SCPS164B – MAY 2007 – REVISED NOVEMBER 2007
Figure 7. LED Intensity Per Bank
Figure 8. Output Port Voltage vs LED Intensity, Maximum Intensity = 100%
Figure 9. Output Port Voltage vs LED Intensity, Maximum Intensity = 50%
The One-Shot / Master Intensity register (register 9) (see Table 16) is an 8-bit register with three functions.
Bits 0–3 set the master intensity value (ALD). It is a binary number between 0 and 15.
Bits 4–5 determine whether the maximum intensity of PWM0 and PWM1 is set by the programmed F value
(BRIGHT_F0 or BRIGHT_F1) or the master ALD value. The default value for these bits is 0. Bit 4 supports
PWM0 and bit 5 is for PWM1. If bit 4 (or bit 5) is 0, the maximum intensity value for PWM0 (or PWM1) is set by
the F value. If bit 4 (or bit 5) is 1, the maximum intensity value for PWM0 (or PWM1) is set by the master ALD
value. This allows the user to vary the brightness of all LEDs by changing a single register.
Bits 6–7 determine whether each PWM operates in normal or one-shot mode. Bit 6 supports PWM0 and bit 7 is
for PWM1. If bit 6 (or bit 7) is 0, PWM0 (or PWM1) operates in the normal mode where the LEDs goes through
the full intensity cycle defined by Table 15 and Figure 7. If bit 6 (or bit 7) is 1, PWM0 (or PWM1) operate in the
one-shot mode. In this mode, the LEDs can be used to create a single-shot lighting effect where the LED
intensity is valid for a particular segment of the cycle shown in Table 15 and Figure 7.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TCA6507


Similar Part No. - TCA6507

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6507 TI-TCA6507 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507PW TI-TCA6507PW Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507PW TI1-TCA6507PW Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
TCA6507PWG4 TI-TCA6507PWG4 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507PWG4 TI1-TCA6507PWG4 Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
More results

Similar Description - TCA6507

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6507 TI-TCA6507_10 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507 TI1-TCA6507_16 Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
ATMEL Corporation
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
   8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCA9575 NXP-PCA9575 Datasheet
202Kb / 38P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 03-9 November 2009
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9575 NXP-PCA9575_V01 Datasheet
632Kb / 44P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 5.0 - 31 May 2023
logo
Texas Instruments
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com