Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA6507PWG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TCA6507PWG4
Description  LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6507PWG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TCA6507PWG4 Datasheet HTML 5Page - Texas Instruments TCA6507PWG4 Datasheet HTML 6Page - Texas Instruments TCA6507PWG4 Datasheet HTML 7Page - Texas Instruments TCA6507PWG4 Datasheet HTML 8Page - Texas Instruments TCA6507PWG4 Datasheet HTML 9Page - Texas Instruments TCA6507PWG4 Datasheet HTML 10Page - Texas Instruments TCA6507PWG4 Datasheet HTML 11Page - Texas Instruments TCA6507PWG4 Datasheet HTML 12Page - Texas Instruments TCA6507PWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
www.ti.com
TCA6507
LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER
WITH INTENSITY CONTROL AND SHUTDOWN
SCPS164B – MAY 2007 – REVISED NOVEMBER 2007
The Fully-On Time register (register 4) defines the time spent at maximum intensity between the fade-on state
and fade-off state for the LED per region B in Figure 7. The first four bits (C7–C4) in this register set the fully-on
time for BANK1, and the next four bits (C3–C0) set the fully-on time for BANK0. The data for each bank is a
binary number between 0 and 15. For BANK1, the MSB is bit C7, while the LSB is bit C4. For BANK0, the most
significant bit (MSB) is bit C3, while the LSB is bit C0. See Table 13 for more information.
Table 9. Register 4 (Fully-On Time Register)
BANK
BANK1
BANK0
BIT
C7
C6
C5
C4
C3
C2
C1
C0
DEFAULT
0
1
0
0
0
1
0
0
The Fade-Off Time register (register 5) defines the time from the fully-on state to the fully-off state for the LED
per region C in Figure 7. The first four bits (C7–C4) in this register set the fade-off time for BANK1, and the next
four bits (C3–C0) set the fade-off time for BANK0. The data for each bank is a binary number between 0 and 15.
For BANK1, the MSB is bit C7, while the LSB is bit C4. For BANK0, the MSB is bit C3, while the least significant
bit (LSB) is bit C0. See Table 13 for more information.
Table 10. Register 5 (Fade-Off Time Register)
BANK
BANK1
BANK0
BIT
C7
C6
C5
C4
C3
C2
C1
C0
DEFAULT
0
1
0
0
0
1
0
0
The first and second Fully-Off Time registers (registers 6 and 7) define the time spent at zero intensity (in the
fully-off state of the LED) per region D and E, respectively, in Figure 7. The first four bits (C7–C4) in this register
set the fully-off time for BANK1, and the next four bits (C3–C0) set the fully-off time for BANK0. The data for
each bank is a binary number between 0 and 15. For BANK1, the MSB is bit C7, while the LSB is bit C4. For
BANK0, the MSB is bit C3, while the LSB is bit C0. See Table 13 for more information.
Table 11. Register 6 (First Fully-Off Time Register)
BANK
BANK1
BANK0
BIT
C7
C6
C5
C4
C3
C2
C1
C0
DEFAULT
0
1
0
0
0
1
0
0
Table 12. Register 7 (Second Fully-Off Time Register)
BANK
BANK1
BANK0
BIT
C7
C6
C5
C4
C3
C2
C1
C0
DEFAULT
0
1
0
0
0
1
0
0
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TCA6507


Similar Part No. - TCA6507PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6507PWG4 TI-TCA6507PWG4 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507PWG4 TI1-TCA6507PWG4 Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
More results

Similar Description - TCA6507PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6507 TI-TCA6507_10 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507 TI1-TCA6507_16 Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
ATMEL Corporation
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
   8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCA9575 NXP-PCA9575 Datasheet
202Kb / 38P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 03-9 November 2009
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9575 NXP-PCA9575_V01 Datasheet
632Kb / 44P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 5.0 - 31 May 2023
logo
Texas Instruments
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com