Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QAP2E335KRP Datasheet(PDF) 1 Page - Nichicon corporation

Part # QAP2E335KRP
Description  PLASTIC FILM CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

QAP2E335KRP Datasheet(HTML) 1 Page - Nichicon corporation

  QAP2E335KRP Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
PLASTIC FILM CAPACITORS
AP
series (Tape-wrapped Axial Type for High Frequency Applications)
Metallized Polypropylene Film Capacitor
Drawing
Specifications
Category Temperature Range
Rated Voltage
Rated Capacitance Range
Capacitance Tolerance
Insulation Resistance
Dielectric Loss Tangent
Withstand Voltage
Encapsulation
– 40 ~ +85˚C
250, 400, 630VDC
0.15 ~ 10µF
± 5% (J), ± 10% (K)
0.1% or less (at 1kHz 20˚C)
C <
= 0.33µF : 30000 MΩ or more
C > 0.33µF : 10000
ΩF or more
Between Terminals
: Rated Voltage
× 175%, 1 ~ 5 secs.
Between Terminals and Coverage : Rated Voltage
× 200%, 1 ~ 5 secs.
Adhesive polyester film, resin
Performance Characteristics
Item
Q
1
A
2
P
3
2
4
E
5
1
6
5
7
5
8
K
9
R
10
P
11
Configuration (RP:Polypropylene film,
Tinned CP wire)
Capacitance tolerance (J :
±5% K : ±10%)
Rated Capacitance (1.5
µF)
Rated voltage (250V)
Series name
Type
W
+2.0
–1.0
+1.5
–1.0
T
35MIN
35MIN
φd ± 0.05
H
±1.5
Dimensions
Unit : mm
Type numbering system (Example : 250V 1.5µF)
V(Code)
250VDC (2E)
400VDC (2G)
630VDC (2J)
Cap..(µF)
Size
TW
H
d
T
W
H
d
T
W
H
d
0.15
154
4.8
28.0
11.4
0.8
0.22
224
5.6
28.0
13.8
0.8
0.33
334
6.1
28.0
12.7
0.8
7.4
28.0
15.6
0.8
0.47
474
4.3
28.0
10.9
0.8
7.7
28.0
14.2
0.8
7.8
33.0
15.9
0.8
0.68
684
5.0
28.0
13.2
0.8
9.0
28.0
17.2
0.8
9.9
33.0
18.1
0.8
1.0
105
6.5
28.0
14.7
0.8
9.7
33.0
17.9
0.8
10.4
38.0
20.1
1.0
1.5
155
8.6
28.0
16.7
0.8
11.9
33.0
21.6
0.8
12.0
44.0
21.7
1.0
2.2
225
9.3
33.0
17.5
0.8
13.3
38.0
22.7
1.0
15.3
44.0
25.0
1.0
3.3
335
11.4
33.0
21.1
0.8
15.4
44.0
25.1
1.0
17.9
50.0
27.6
1.0
4.7
475
12.6
38.0
22.3
1.0
17.5
50.0
27.2
1.0
6.8
685
14.3
44.0
24.0
1.0
10.0
106
16.6
50.0
26.3
1.0
Code
Non-inductive construction, with axial lead wires.
Superior performance in high frequency circuit and charging / discharging circuit due to excellent
characteristics of metallized polypropylene film dielectric.
Highly reliable with self-healing property.
Tape-wrapped and epoxy endfilled at both leads for superior mechanical strength and humidity
resistance.
Some A.C. applications may cause capacitor failure, over heating of the capacitors and / or
discharge may be the result. Please contact us about details for A.C. application.
Adapted to the RoHS directive (2002/95/EC).


Similar Part No. - QAP2E335KRP

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
QAPP24BL PANDUIT-QAPP24BL Datasheet
120Kb / 2P
   QuickNet Patch Panels and Accessories
QAPP48HDBL PANDUIT-QAPP48HDBL Datasheet
120Kb / 2P
   QuickNet Patch Panels and Accessories
QAPP48HDVNSBL PANDUIT-QAPP48HDVNSBL Datasheet
120Kb / 2P
   QuickNet Patch Panels and Accessories
More results

Similar Description - QAP2E335KRP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com