Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T68K1MBI-8 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # T68K1MBI-8
Description  Low Power 1M (128Kx8)-Bits Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T68K1MBI-8 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button T68K1MBI-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers T68K1MBI-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers T68K1MBI-8 Datasheet HTML 6Page - List of Unclassifed Manufacturers T68K1MBI-8 Datasheet HTML 7Page - List of Unclassifed Manufacturers T68K1MBI-8 Datasheet HTML 8Page - List of Unclassifed Manufacturers T68K1MBI-8 Datasheet HTML 9Page - List of Unclassifed Manufacturers T68K1MBI-8 Datasheet HTML 10Page - List of Unclassifed Manufacturers T68K1MBI-8 Datasheet HTML 11Page - List of Unclassifed Manufacturers T68K1MBI-8 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
2003-REV 090
TIWIN Semiconductor
• www.tiwin.com.tw • Tel :(886)-3 -5636031 • Fax:(886)-3-5644823
22
T68 K/S/R 1M
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
ILI
Input Leakage Current
VIN = VSS to VCC
-1
-
1
µA
ILO
Output Leakage Current
/CE1=VIH CE2=VIL or /OE=VIH
or /WE=VIL, VIO=VSS to VCC
-1
-
1
µA
T68K1M
-
3
(1)
6
T68S1M
-
3
(1)
6
ICC1
T68R1M
/CE1
≤0.2V, CE2≥VCC-0.2V,
VIN
≤0.2V or VIN≥VCC-0.2V
Cycle time = 1
µs, 100%duty,
IIO=0mA
-
2
(1)
4
mA
T68K1M
-
15
(1)
20
T68S1M
-
15
(1)
20
ICC2
Average Operating Current
T68R1M
/CE1=VIL, CE2=VIH, VIN=VIH or
VIN=VIL,
Cycle time = min, 100% duty,
IIO=0mA
-
10
(1)
15
mA
T68K1M
IOL = 2.0mA
-
-
0.4
T68S1M
IOL = 0.5mA
-
-
0.4
VOL
Output Low Voltage
T68R1M IOL = 0.2mA
-
-
0.4
V
T68K1M
IOH = -1.0mA
2.2
-
-
T68S1M
IOH = -0.5mA
2.0
-
-
VOH
Output High Voltage
T68R1M IOH = -0.1mA
1.4
-
-
V
T68K1M
-
-
0.2
T68S1M
-
-
0.2
ISB
TTL Standby Current
T68R1M
/CE1=VIH or CE2= VIL,
other inputs = VIH or VIL
-
-
0.2
mA
T68K1M
-
1.0
(1)
3
T68S1M
-
1.0
(1)
3
ISB1
CMOS Standby Current
T68R1M
/CE1
≥VCC-0.2V or
CE2
≤VSS+0.2V ,
other inputs = 0 to VCC
-
0.8
(1)
2
µA
Note: 1. Ta=25
o
C, VCC=3.0V (K), VCC=2.5V (S), and VCC=1.8V (R), not 100% tested.
¢ DC ELECTRICAL CHARACTERISTICS


Similar Part No. - T68K1MBI-8

ManufacturerPart #DatasheetDescription
logo
T-Global Technology
T68 TGLOBAL-T68 Datasheet
336Kb / 1P
   T68 Artificial Graphite Sheet
logo
ATMEL Corporation
T6801 ATMEL-T6801 Datasheet
190Kb / 6P
   Single-channel Driver IC with Driver IC with Monitoring
T6801 ATMEL-T6801 Datasheet
228Kb / 6P
   Single-channel Driver IC with Thermal Monitoring
T6801-TAQ ATMEL-T6801-TAQ Datasheet
190Kb / 6P
   Single-channel Driver IC with Driver IC with Monitoring
T6801-TAQY ATMEL-T6801-TAQY Datasheet
228Kb / 6P
   Single-channel Driver IC with Thermal Monitoring
More results

Similar Description - T68K1MBI-8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-TF70T00 SAMSUNG-K6T1008C2E-TF70T00 Datasheet
193Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D SAMSUNG-K6X1008C2D Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
logo
ELAN Microelectronics C...
EM39LV010 EMC-EM39LV010 Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
logo
Samsung semiconductor
KM681000E SAMSUNG-KM681000E Datasheet
123Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
logo
List of Unclassifed Man...
EM128L08 ETC1-EM128L08 Datasheet
42Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
EM128C08 ETC1-EM128C08 Datasheet
61Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Samsung semiconductor
K6F1008V2C SAMSUNG-K6F1008V2C Datasheet
126Kb / 9P
   128Kx8 bit Super Low Power and Low Voltage CMOS Static RAM
logo
Epson Company
SRM20V100 EPSON-SRM20V100 Datasheet
130Kb / 8P
   1M-Bit Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com