Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T68K1MBI-8 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # T68K1MBI-8
Description  Low Power 1M (128Kx8)-Bits Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T68K1MBI-8 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button T68K1MBI-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers T68K1MBI-8 Datasheet HTML 6Page - List of Unclassifed Manufacturers T68K1MBI-8 Datasheet HTML 7Page - List of Unclassifed Manufacturers T68K1MBI-8 Datasheet HTML 8Page - List of Unclassifed Manufacturers T68K1MBI-8 Datasheet HTML 9Page - List of Unclassifed Manufacturers T68K1MBI-8 Datasheet HTML 10Page - List of Unclassifed Manufacturers T68K1MBI-8 Datasheet HTML 11Page - List of Unclassifed Manufacturers T68K1MBI-8 Datasheet HTML 12Page - List of Unclassifed Manufacturers T68K1MBI-8 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
2003-REV 090
TIWIN Semiconductor
• www.tiwin.com.tw • Tel :(886)-3 -5636031 • Fax:(886)-3-5644823 23
T68 K/S/R 1M
Speed Bin
-7 (70ns)
-8(85ns)
-10(100ns)
Symbol
Parameter List
Min
Max
Min
Max
Min
Max
Units
tRC
Read Cycle Time
70
-
85
-
100
-
ns
tAA
Address Access Time
-
70
-
85
-
100
ns
tCO
Chip Select to Output
-
70
-
85
-
100
ns
tOE
Output Enable to Valid Output
-
35
-
40
-
50
ns
tLZ
Chip Select to Low-Z Output
10
-
10
-
10
-
ns
tOLZ
Output Enable to Low-Z Output
5
-
5
-
5
-
ns
tHZ
Chip Disable to High-Z Output
0
25
0
25
0
30
ns
tOHZ
Output Disable to High-Z Output
0
25
25
30
ns
tOH
Output Hold From Address
10
-
10
-
15
-
ns
Speed Bin
-7 (70ns)
-8(85ns)
-10 (100ns)
Symbol
Parameter List
Min
Max
Min
Max
Min
Max
Units
tWC
Write Cycle Time
70
-
85
-
100
-
ns
tCW
Chip Select to End of Write
60
-
70
-
80
-
ns
tAS
Address Setup Time
0
-
0
-
0
-
ns
tAW
Address Valid to End of Write
60
-
70
-
80
-
ns
tWP
Write Pulse Width
55
-
60
-
70
-
ns
tWR
Write Recovery Time
0
-
0
-
0
-
ns
tWHZ
Write to Output High-Z
0
25
0
25
0
30
ns
tDW
Data to Write Time Overlap
30
-
35
-
40
-
ns
tDH
Data Hold from Write Time
0
-
0
-
0
-
ns
tOW
End Write to Output Low-Z
5
-
5
-
5
-
ns
¢ AC ELECTRICAL CHARACTERISTICS
˜
TEST CONDITIONS
Input Pulse Level: 0.2Vcc(≦ViL), 0.8Vcc(≧VIH)
Input Rising and Falling Time: 5ns
Input and Output Reference Voltage: 0.9V(R), 1.1V(S), 1.5V (K)
Output Load: CL = 30pF + one TTL gate
˜
READ CYCLE
˜ WRITE CYCLE


Similar Part No. - T68K1MBI-8

ManufacturerPart #DatasheetDescription
logo
T-Global Technology
T68 TGLOBAL-T68 Datasheet
336Kb / 1P
   T68 Artificial Graphite Sheet
logo
ATMEL Corporation
T6801 ATMEL-T6801 Datasheet
190Kb / 6P
   Single-channel Driver IC with Driver IC with Monitoring
T6801 ATMEL-T6801 Datasheet
228Kb / 6P
   Single-channel Driver IC with Thermal Monitoring
T6801-TAQ ATMEL-T6801-TAQ Datasheet
190Kb / 6P
   Single-channel Driver IC with Driver IC with Monitoring
T6801-TAQY ATMEL-T6801-TAQY Datasheet
228Kb / 6P
   Single-channel Driver IC with Thermal Monitoring
More results

Similar Description - T68K1MBI-8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-TF70T00 SAMSUNG-K6T1008C2E-TF70T00 Datasheet
193Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D SAMSUNG-K6X1008C2D Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
logo
ELAN Microelectronics C...
EM39LV010 EMC-EM39LV010 Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
logo
Samsung semiconductor
KM681000E SAMSUNG-KM681000E Datasheet
123Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
logo
List of Unclassifed Man...
EM128L08 ETC1-EM128L08 Datasheet
42Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
EM128C08 ETC1-EM128C08 Datasheet
61Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Samsung semiconductor
K6F1008V2C SAMSUNG-K6F1008V2C Datasheet
126Kb / 9P
   128Kx8 bit Super Low Power and Low Voltage CMOS Static RAM
logo
Epson Company
SRM20V100 EPSON-SRM20V100 Datasheet
130Kb / 8P
   1M-Bit Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com