Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

298D227X02R5P2T Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 298D227X02R5P2T
Description  Solid Tantalum Chip Capacitors MICROTAN™ Lead Frameless Molded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

298D227X02R5P2T Datasheet(HTML) 4 Page - Vishay Siliconix

  298D227X02R5P2T Datasheet HTML 1Page - Vishay Siliconix 298D227X02R5P2T Datasheet HTML 2Page - Vishay Siliconix 298D227X02R5P2T Datasheet HTML 3Page - Vishay Siliconix 298D227X02R5P2T Datasheet HTML 4Page - Vishay Siliconix 298D227X02R5P2T Datasheet HTML 5Page - Vishay Siliconix 298D227X02R5P2T Datasheet HTML 6Page - Vishay Siliconix 298D227X02R5P2T Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40065
41
Revision: 22-Oct-07
298D
Solid Tantalum Chip Capacitors
MICROTANTM Lead Frameless Molded
Vishay Sprague
ENVIRONMENTAL PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Life Test at + 85 °C
1000 h application of rated voltage at
85 °C with a 3
Ω series resistance,
MIL-STD 202G Method 108A
Capacitance Change
Refer to Standard Ratings Table
Dissipation Factor
Not to exceed 150 % of initial
Leakage Current
Not to exceed 200 % of initial
Humidity Tests
At 40 °C/90 % RH 500 h, no voltage
applied. MIL-STD 202G Method 103B
Capacitance Change
Refer to Standard Ratings Table
Dissipation Factor
Not to exceed 150 % of initial
Leakage Current
Not to exceed 200 % of initial
Thermal Shock
At - 55 °C/+ 125 °C, 30 min. each,
for 5 cycles. MIL-STD 202G Method 107G
Capacitance Change
Refer to Standard Ratings Table
Dissipation Factor
Not to exceed 150 % of initial
Leakage Current
Not to exceed 200 % of initial
MECHANICAL PERFORMANCE CHARACTERISTICS
TEST CONDITION
CONDITION
POST TEST PERFORMANCE
Terminal Strength
Apply a pressure load of 5 N for 10 ± 1 s
horizontally to the center of capacitor side body.
AECQ-200 rev. C Method 006
Capacitance Change
Refer to Standard Ratings Table
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
There shall be no mechanical or visual damage to capacitors
post-conditioning.
Substrate Bending
(Board flex)
With parts soldered onto substrate test board,
apply force to the test board for a deflection
of 1 mm. AECQ-200 rev. C Method 005
Capacitance Change
Refer to Standard Ratings Table
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
Vibration
MIL-STD-202G, Method 204D,
10 Hz to 2000 Hz, 20 G Peak
Capacitance Change
Refer to Standard Ratings Table
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
There shall be no mechanical or visual damage to capacitors
post-conditioning.
Shock
Mil-Std-202G, Method 213B, Condition I,
100G Peak
Capacitance Change
Refer to Standard Ratings Table
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
There shall be no mechanical or visual damage to capacitors
post-conditioning.
Resistance to Solder
Heat
At 260 °C, for 10 seconds, reflow
Capacitance Change
Refer to Standard Ratings Table
Dissipation Factor
Not to exceed 150 % of initial
Leakage Current
Not to exceed 200 % of initial
There shall be no mechanical or visual damage to capacitors
post-conditioning.
Solderability
MIL-STD-202G, Method 208H, ANSI/J-Std-002,
Test B. Applies only to Solder and tin plated
terminations. Does not apply to gold terminations.
There shall be no mechanical or visual damage to capacitors
post-conditioning.
Resistance to
Solvents
MIL-STD-202, Method 215D
There shall be no mechanical or visual damage to capacitors
post-conditioning.
Flammability
Encapsulation materials meet UL94 VO with an
oxygen index of 32 %.


Similar Part No. - 298D227X02R5P2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
298D227X02R5P2T VISHAY-298D227X02R5P2T Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
More results

Similar Description - 298D227X02R5P2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
292D VISHAY-292D Datasheet
122Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® Lead Frameless Molded
Revision: 05-Mar-08
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 18-Jul-17
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
Revision: 18-May-16
298D VISHAY-298D_17 Datasheet
419Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN® , Leadframeless Molded
Revision: 18-Jul-17
298D VISHAY-298D_V01 Datasheet
485Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN®, Leadframeless Molded
01-Jan-2022
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 15-Jan-13
TP8 VISHAY-TP8 Datasheet
431Kb / 17P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Revision: 11-May-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com