Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

298D336X0004M2T Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 298D336X0004M2T
Description  Solid Tantalum Chip Capacitors MICROTAN™ Lead Frameless Molded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

298D336X0004M2T Datasheet(HTML) 5 Page - Vishay Siliconix

  298D336X0004M2T Datasheet HTML 1Page - Vishay Siliconix 298D336X0004M2T Datasheet HTML 2Page - Vishay Siliconix 298D336X0004M2T Datasheet HTML 3Page - Vishay Siliconix 298D336X0004M2T Datasheet HTML 4Page - Vishay Siliconix 298D336X0004M2T Datasheet HTML 5Page - Vishay Siliconix 298D336X0004M2T Datasheet HTML 6Page - Vishay Siliconix 298D336X0004M2T Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
298D
Vishay Sprague
Solid Tantalum Chip Capacitors
MICROTANTM Lead Frameless Molded
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40065
42
Revision: 22-Oct-07
TYPICAL CURVES AT + 25 °C, IMPEDANCE AND ESR VS. FREQUENCY
1
10
100
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
22 µF - 4 V
IMPEDANCE
ESR
0.1
1
10
100
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
47 µF - 4 V
IMPEDANCE
ESR
1
10
100
1000
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
10 µF - 6 V
IMPEDANCE
ESR
0.1
1
10
100
1000
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
4.7 µF - 10 V
IMPEDANCE
ESR
1
10
100
1000
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
10 µF - 10 V
IMPEDANCE
ESR
1
10
100
1000
10 000
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
1 µF - 16 V
IMPEDANCE
ESR


Similar Part No. - 298D336X0004M2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
298D336X0004M2T VISHAY-298D336X0004M2T Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
More results

Similar Description - 298D336X0004M2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
292D VISHAY-292D Datasheet
122Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® Lead Frameless Molded
Revision: 05-Mar-08
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 18-Jul-17
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
Revision: 18-May-16
298D VISHAY-298D_17 Datasheet
419Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN® , Leadframeless Molded
Revision: 18-Jul-17
298D VISHAY-298D_V01 Datasheet
485Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN®, Leadframeless Molded
01-Jan-2022
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 15-Jan-13
TP8 VISHAY-TP8 Datasheet
431Kb / 17P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Revision: 11-May-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com