Electronic Components Datasheet Search |
|
UKT0J471MED Datasheet(PDF) 1 Page - Nichicon corporation |
|
UKT0J471MED Datasheet(HTML) 1 Page - Nichicon corporation |
|
1 / 1 page CAT.8100V 35 2 3 BD P 5 2.0 6.3 2.5 8 3.5 10 5.0 L+1.5MAX. 15MIN 4MIN Sleeve (P.E.T.) B d 12.5 (~25L) 5.0 12.5 (35.5L~) 5.0 0.5 0.5 0.6 0.6 0.6 0.8 (mm) (B6.3up) Pressure relief vent B ALUMINUM ELECTROLYTIC CAPACITORS KT series For General Audio Equipment, Wide Temperature Range. 105°C standard for audio equipment. Adapted to the RoHS directive (2002/95/EC). Radial Lead Type Type numbering system (Example : 16V 1000µF) U 1 K 2 T 3 1 4 C 5 1 6 0 7 2 8 M 9 P 10 D 11 Configuration Capacitance tolerance (±20%) Rated Capacitance (1000µF) Rated voltage (16V) Series name Type B D 5 Pb-free leadwire Pb-free PET sleeve DD 6.3 ED 8¥10 PD 12.5 HD Configuration Specifications Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan δ Stability at Low Temperature Endurance Shelf Life Marking Performance Characteristics Item – 55 ~ +105°C 6.3 ~ 50V 0.1 ~ 10000µF ± 20% at 120Hz, 20°C After 1 minutes' application of rated voltage, leakage current is not more than 0.03CV or 4 (µA) , whichever is greater. After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (µA) , whichever is greater. Printed with black color letter on purl blue sleeve. Measurement frequency : 120Hz Capacitance change Leakage current After 1000 hours' application of rated voltage at 105°C, capacitors meet the characteristics requirement listed at right. After storing the capacitors under no load at 105°C tor 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above. tan δ Within ±20% of initial value 200% or less of initial specified value Initial specified value or less Rated voltage (V) tan δ (MAX.) 6.3 0.30 10 0.26 16 0.22 25 0.18 Z– 25°C / Z+20°C Z– 40°C / Z+20°C Rated voltage (V) Impedance ratio ZT / Z20 (MAX.) 6.3 5 10 10 4 8 16 3 6 25 2 4 35 0.16 50 0.14 Measurement frequency : 120Hz, Temperature : 20°C For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF 50 2 3 KT VZ High Sound Quality Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity. Frequency coefficient of rated ripple current Frequency Cap.(µF) ~47 100 ~ 470 1000 ~ 10000 50Hz 0.75 0.80 0.85 120Hz 1.00 1.00 1.00 300Hz 1.35 1.23 1.10 1kHz 1.57 1.34 1.13 10kHz ~ 2.00 1.50 1.15 • Please refer to page 21 about the end seal configulation. Dimensions 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000 0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102 222 332 472 682 103 5 × 11 5 × 11 5 × 11 5 × 11 6.3 × 11 6.3 × 11 8 × 11.5 10 × 12.5 10 × 20 12.5 × 20 12.5 × 25 12.5 × 35.5 12.5 × 40 45 55 65 95 160 195 270 420 710 910 1120 1360 1650 0J Cap.(µF) V 6.3 5 × 11 5 × 11 5 × 11 5 × 11 6.3 × 11 8 × 11.5 8 × 11.5 10 × 16 12.5 × 20 12.5 × 25 12.5 × 35.5 12.5 × 40 45 58 68 105 175 240 280 500 810 1050 1300 1570 1A 10 5 × 11 5 × 11 5 × 11 5 × 11 5 × 11 6.3 × 11 8 × 11.5 8 × 11.5 10 × 16 12.5 × 20 12.5 × 31.5 12.5 × 35.5 35 54 65 79 115 190 265 315 560 920 1270 1480 1C 16 5 × 11 5 × 11 5 × 11 5 × 11 5 × 11 6.3 × 11 8 × 11.5 8 × 11.5 10 × 12.5 10 × 20 12.5 × 31.5 12.5 × 35.5 25 36 58 68 83 140 240 290 380 680 1200 1400 1E 25 5 × 11 5 × 11 5 × 11 5 × 11 5 × 11 6.3 × 11 8 × 11.5 10 × 12.5 10 × 16 12.5 × 25 12.5 × 40 28 41 61 75 93 150 260 350 460 860 1260 1V 35 5 × 11 5 × 11 5 × 11 5 × 11 5 × 11 5 × 11 5 × 11 5 × 11 5 × 11 5 × 11 5 × 11 6.3 × 11 8 × 11.5 10 × 12.5 10 × 16 12.5 × 20 12.5 × 31.5 1H 50 code Rated Ripple (mArms) at 105°C 120Hz 1.3 2.9 4.3 7.0 13 20 25 30 46 68 90 115 190 300 410 530 1040 Rated ripple Case size φ D × L (mm) |
Similar Part No. - UKT0J471MED |
|
Similar Description - UKT0J471MED |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |